Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9171AN Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT9171AN
Description  ISO2-CMOS ST-BUS FAMILY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9171AN Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT9171AN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 12Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 13Page - Zarlink Semiconductor Inc MT9171AN Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MT9171/72
Advance Information
9-124
channel 16 or vice versa. One other feature exists;
ODE, where both the DV and CD ports are tristated
in order that no devices are damaged due to
excessive loading while all DNICs are in a random
state on power up in a daisy chain arrangement.
DV Port (DSTi/Di, DSTo/Do)
The DV port transfers data or PCM encoded voice to
and from the line according to the particular mode
selected by the mode select pins. The modes
affecting the configuration of the DV port are MOD or
DN and DUAL or SINGL. In DN mode the DV port
operates as an ST-BUS at 2.048 Mbit/s with 32, 8 bit
channels per frame as shown in Figure 9. In this
mode the DV port channel configuration depends
upon whether DUAL or SINGL port is selected.
When DUAL port mode is used, the C and D
channels are passed through the CD port and the B1
and B2 channels are passed through the DV port. At
80 kbit/s only one channel of the available 32 at the
DV port is utilized, this being channel 0 which carries
the B1-channel. This is shown in Figure 3. At 160
kbit/s, two channels are used, these being 0 and 16
carrying the B1 and B2 channels, respectively. This
is shown in Figure 4. When SINGL port mode is
used, channels B1, B2, C and D are all passed via
the DV port and the CD port is disabled. See CD port
description for an explanation of the C and D
channels.
The D-channel is always passed during channel time
0 followed by the C and B1 channels in channel
times 1 and 2, respectively for 80 kbit/s. See Figure
5. For 160 kbit/s the B2 channel is added and
occupies channel time 3 of the DV port. See Figure
6. For all of the various configurations the bit orders
are shown by the respective diagram. In MOD mode
the DV and CD ports no longer operate at 2.048
Mbits/s
but
are
continuous
serial
bit
streams
operating at the bit rate selected of 80 or 160 kbit/s.
While in the MOD mode only DUAL port operation
can be used.
In order for more than one DNIC to be connected to
any one DV and CD port, making more efficient use
of the busses, the DSTo and CDSTo outputs are put
into high impedance during the inactive channel
times of the DNIC. This allows additional DNICs to
be cascaded onto the same DV and CD ports. When
used in this way a signal called F0o is used as an
indication to the next DNIC in a daisy chain that its
channel time is now active. Only the first DNIC in the
chain receives
the system frame pulse
and
all
others
receive
the
F0o
from its predecessor in
the chain.
This allows up to 16 DNICs to be
cascaded.
CD Port (CDSTi/CDi, CDSTo/CDo)
The CD port is a serial bidirectional port used only in
DUAL port mode. It is a means by which the DNIC
receives its control information for things such as
setting the bit rate, enabling internal loopback tests,
sending status information back to the system and
transferring low speed signalling data to and from the
line.
The CD port is composed of the C and D-Channels.
The C-channel is used for transferring control and
status information between the DNIC and the
system. The D-channel is used for sending and
receiving signalling information and lower speed
data between the line and the system. In DN/DUAL
mode the DNIC receives a C-channel on CDSTi
while transmitting a C-channel on CDSTo.
Fifteen
channel times later (halfway through the frame) a D-
channel is received on CDSTi while a D-channel is
transmitted on CDSTo. This is shown in Figure 7. The
order of the C and D bytes in DUAL port mode can
be reversed by the mode select pins. See Table 1 for
a listing of the byte orientations.
The D-channel exists only in DN mode and may be
used for transferring low speed data or signalling
information over the line at 8, 16 or 64 kbit/s (by
using the DINB feature). The information passes
Figure 9 - ST-BUS Format
Channel
0
Channel
1
Channel
2
• • • • • • • •
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
125
µsec
Channel
31
Channel
30
Channel
31
Channel
0
Channel
29
F0
ST-BUS
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
3.9
µsec


Similar Part No. - MT9171AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9171AN MITEL-MT9171AN Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171AN ZARLINK-MT9171AN Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171AN1 ZARLINK-MT9171AN1 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171ANR ZARLINK-MT9171ANR Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171ANR1 ZARLINK-MT9171ANR1 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
More results

Similar Description - MT9171AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9094 MITEL-MT9094 Datasheet
396Kb / 32P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone (DPhone-II)
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com