Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUN Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XUN
Description  IDT XO HCSL Crystal Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUN Datasheet(HTML) 1 Page - Integrated Device Technology

  XUN_17 Datasheet HTML 1Page - Integrated Device Technology XUN_17 Datasheet HTML 2Page - Integrated Device Technology XUN_17 Datasheet HTML 3Page - Integrated Device Technology XUN_17 Datasheet HTML 4Page - Integrated Device Technology XUN_17 Datasheet HTML 5Page - Integrated Device Technology XUN_17 Datasheet HTML 6Page - Integrated Device Technology XUN_17 Datasheet HTML 7Page - Integrated Device Technology XUN_17 Datasheet HTML 8Page - Integrated Device Technology XUN_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
XUN JUNE 20, 2017
1
©2017 Integrated Device Technology, Inc.
IDT XO HCSL Crystal Oscillator
XUN
Description
The XUN is an Ultra Precision HCSL crystal oscillator with
300fs typical phase jitter over 12kHz to 20MHz bandwidth.
Available in a wide frequency range from 16kHz to 670MHz,
the IDT XUN series crystal oscillator utilizes a family of
proprietary ASICs, with a key focus on noise reduction
technologies.
The 4th order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XUN is
an excellent choice over the conventional technologies. The
XUN has stabilities as tight as ±20ppm with extremely quick
delivery for both standard and custom frequencies
Features
Frequency range: 0.016MHz to 670MHz
Output type: HCSL
Frequency stability: ±20ppm, ±25ppm, ±50ppm, or
±100ppm
Supply voltage: 1.8V, 2.5V, or 3.3V
Phase jitter (1.875MHz to 20MHz): 100fs typical
Phase jitter (12kHz to 20MHz): 300fs typical
Package options: 5.0mm x 3.2mm x 1.2mm (JS6)
7.0mm x 5.0mm x 1.3mm (JU6)
Operating temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
E/D
Enable/Disable1 (0=Output Disabled)
2
NC
No connect
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary output
6
VDD
Supply Voltage
12
3
4
5
6
6-pin CLCC


Similar Part No. - XUN_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUN310 IDT-XUN310 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUN315 IDT-XUN315 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUN316 IDT-XUN316 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUN318 IDT-XUN318 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XUN31V IDT-XUN31V Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUN_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
XUQ IDT-XUQ_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
   IDT XO HCMOS Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
logo
AiT Semiconductor Inc.
KOH7050 AITSEMI-KOH7050 Datasheet
247Kb / 1P
   HCSL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com