Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP048V060W1BX Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DRP048V060W1BX
Description  Worldwide AC input range without power de-rating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V060W1BX Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DRP048V060W1BX Datasheet HTML 3Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 4Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 9Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 10Page - Delta Electronics, Inc. DRP048V060W1BX Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 60W 1 Phase / DRP048V060W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
7
Device Description
1)
Input terminal block connector
2)
Output terminal block connector
3)
DC Voltage adjustment potentiometer
4)
DC OK control LED (Green)
5)
Universal mounting rail system
Dimensions
L x W x D:
121 x 32 x 125 mm


Similar Part No. - DRP048V060W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP048V060W1BA DELTA-DRP048V060W1BA Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP048V060W1BN POWERBOX-DRP048V060W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP048V060W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V480W1BX DELTA-DRP048V480W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
Mitsumi Electronics, Co...
ADP-W3 MITSUMI-ADP-W3 Datasheet
150Kb / 2P
   4W AC Adaptors with Worldwide Input
ADP-G3 MITSUMI-ADP-G3 Datasheet
108Kb / 2P
   10W AC Adaptors with Worldwide Input
ADP-W5 MITSUMI-ADP-W5 Datasheet
359Kb / 2P
   3W Small AC Adaptors with Worldwide Input
ASR04 MITSUMI-ASR04 Datasheet
157Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ASR MITSUMI-ASR Datasheet
252Kb / 2P
   Worldwide Input System Compact type AC Adaptors
ADP-G2 MITSUMI-ADP-G2 Datasheet
48Kb / 2P
   5W Small AC Adaptors with Worldwide Input
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Mitsumi Electronics, Co...
ADP-G4 MITSUMI-ADP-G4 Datasheet
148Kb / 2P
   36W small AC adaptors with worldwide input voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com