Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRP024V240W1BX Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DRP024V240W1BX
Description  CliQ II DIN Rail Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V240W1BX Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DRP024V240W1BX Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V240W1BX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
24V 240W 1 Phase / DRP024V240W1B
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (March 2015, Rev. 04)
1
Highlights & Features
Universal AC input voltage
Power will not de-rate for the entire input voltage range
Power Boost of 150% for 5 seconds
Full corrosion resistant aluminium chassis
Conformal coating on PCBA to protect against common dust
and chemical pollutants
Hazardous Locations approval to ATEX and Class I, Div 2
(DRP024V240W1BA)
Safety Standards
CB Certified for worldwide use
Model Number:
DRP024V240W1B☐
Unit Weight:
1.10 kg
Dimensions (L x W x D): 121 x 85 x 124.1 mm
General Description
The CliQ II DIN rail power supply series from one of the world’s leading power supply companies, Delta Electronics Group, offers
output voltage of 24V. These products are encased in rugged yet lightweight full aluminium body that can withstand shock and vibration
according to IEC 60068-2 standard. The series of single phase products can operate over a wide temperature range of -25°C to +80°C.
These products also feature universal AC input voltage range from 85Vac to 264Vac and the power will not de-rate throughout the
entire range. Another great feature is the conformal coating on the PCBA which allows selected models to be certified to ATEX and
Class I, Div 2 for use in hazardous locations. The design conforms to harmonic current emission IEC/EN 61000-3-2, Class A.
Model Information
CliQ II DIN Rail Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
DRP024V240W1B☐
85-264Vac (120-375Vdc)
24Vdc
10.0A
Model Numbering
DR
P
024V
240W
1
B
DIN Rail
Power Supply
Output Voltage Output Power
Single Phase
CliQ II Series
A - Metal Case,
with Class I, Div 2
N - Metal Case,
without Class I, Div 2


Similar Part No. - DRP024V240W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP024V240W1BN POWERBOX-DRP024V240W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP024V240W1BX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V960W3BN DELTA-DRP024V960W3BN Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com