Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD7361HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD7361HT1G
Description  ESD Protection Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7361HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  ESD7361HT1G Datasheet HTML 1Page - ON Semiconductor ESD7361HT1G Datasheet HTML 2Page - ON Semiconductor ESD7361HT1G Datasheet HTML 3Page - ON Semiconductor ESD7361HT1G Datasheet HTML 4Page - ON Semiconductor ESD7361HT1G Datasheet HTML 5Page - ON Semiconductor ESD7361HT1G Datasheet HTML 6Page - ON Semiconductor ESD7361HT1G Datasheet HTML 7Page - ON Semiconductor ESD7361HT1G Datasheet HTML 8Page - ON Semiconductor ESD7361HT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ESD7361, SZESD7361
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
5
16
V
Breakdown Voltage
VBR
IT = 1 mA; pin 1 to pin 2
16.5
V
Reverse Leakage Current
IR
VRWM = 5.0 V
VRWM = 15 V
<1
20
1000
1000
nA
nA
Clamping Voltage (Note 2)
VC
IPP = 8 A
31
V
Clamping Voltage (Note 2)
VC
IPP = 16 A
34
V
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
VR = 0 V, f < 1 GHz
0.55
0.55
pF
Dynamic Resistance
RDYN
TLP Pulse
0.735
W
Insertion Loss
f = 1 MHz
f = 5 GHz
0.01
2
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. For test procedure see Figures 9 and 10 and application note AND8307/D.
2. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
Figure 1. Typical IV Characteristics
Figure 2. Typical CV Characteristics
1.E−03
1.E−04
1.E−05
1.E−06
1.E−07
1.E−08
1.E−09
1.E−10
1.E−11
1.E−12
1.E−13
0
5
10
15
20
25
30
VOLTAGE (V)
VBias (V)
1
0.8
0.6
0.4
0.2
0
04
8
14
18
2
610
12
16


Similar Part No. - ESD7361HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7361HT1G ONSEMI-ESD7361HT1G Datasheet
134Kb / 9P
   ESD Protection Diodes
September, 2015 ??Rev. 2
More results

Similar Description - ESD7361HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com