Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPS-65VB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DPS-65VB
Description  Total Power 65W,peak 78W for 3Sec.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-65VB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DPS-65VB Datasheet HTML 1Page - Delta Electronics, Inc. DPS-65VB Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DPS-65VB
Input
Voltage Range
100~264Vac Auto Range
Frequency
47~63Hz
Efficiency
The average efficiency at 25%, 50%, 75% and
100% load/115Vac 60Hz/230Vac 50Hz  88%
Input Current
100Vac /12V/2A load  2A
Output
12V
0A ~ 5.417A
Protection
Over-current
Auto Recovery
Over-temperature
Latch-off
Short
Auto Recovery
Over-voltage
Latch-off
Environment
Operating Temp.
0 to 40℃
Storage Temp.
-20 to 80 ℃
Operating Humidity
20% - 80%
Storage Humidity
10% - 90%
FEATURES
Total Power 65W,peak 78W for 3Sec.
Efficiency:Meet DoE level Ⅵ
High Reliability:>100,000 Hours @
25℃ ,100Vac/maximum load
Protection:Short / Over-current / Over-voltage
/Over-temperature
Safety:CCC, CB, UL/CUL, TUV, CE, BSMI, PSE, KC,
RCM, EAC, NOM, TUV-S, ANATEL, SASO, SABS, BIS,
MEPS, NRCAN, meet CCC tropical standard.
EMI:CLASS B
51.5 (W) x 30.5 (H) x 115 (L) mm


Similar Part No. - DPS-65VB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-60AB-6 DELTA-DPS-60AB-6 Datasheet
611Kb / 2P
   Total Power 60W,peak 288W for 500uSec.
DPS-60AP-5-A DELTA-DPS-60AP-5-A Datasheet
1Mb / 3P
   Total power 60W
DPS-60AP-5A DELTA-DPS-60AP-5A Datasheet
1Mb / 3P
   Total power 60W
logo
Adam Technologies, Inc.
DPS-68-00-C-3 ADAM-TECH-DPS-68-00-C-3 Datasheet
97Kb / 1P
   DUAL PORT SCSI
More results

Similar Description - DPS-65VB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-120AB-3 DELTA-DPS-120AB-3 Datasheet
663Kb / 2P
   Total Power 120W,peak 192W for 4Sec.
DPS-180AB-21 DELTA-DPS-180AB-21 Datasheet
703Kb / 2P
   Total Power 180W,peak 288W for 4Sec.
DPS-24HB DELTA-DPS-24HB Datasheet
584Kb / 2P
   Total Power 24W,peak 38.4W for 4Sec.
DPS-60AB-6 DELTA-DPS-60AB-6 Datasheet
611Kb / 2P
   Total Power 60W,peak 288W for 500uSec.
DPS-40AB-11 DELTA-DPS-40AB-11 Datasheet
678Kb / 2P
   Total Power 39.96W,Peak 61.2W for 5sec.
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com