Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPS-2000CBA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DPS-2000CBA
Description  550-2000W 1U Front End AC-DC Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-2000CBA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DPS-2000CBA Datasheet HTML 3Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 4Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 5Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 6Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 7Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 8Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 9Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 10Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CRPS
550-2000W 1U Front End AC-DC Power Supply
CRPS_10052016
E-mail: EPSBG_info@deltaww.com
http://www.deltaww.com/epsbg
P10
P18
+12V
P23
+12V
P19
+12V
P22
+12V
P20
+12V
P21
+12V
S1
-
S20
12VSB
S2
PSKILL
S19
12VSB
S3
12VLS
S18
12VSB
S4
SDA
S17
PS_ON
S5
SCL
S16
12VRS+
S6
A1
S15
A2
S7
PW_OK
S14
12VRS-
S8
-
S13
AC_FAIL
S9
PRESENT_N
S12
A0
S10
SMART_ON
S11
SMB_ALERT


Similar Part No. - DPS-2000CBA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
   Complies with ATX 12V V1.1
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
   Complies with SFX 12V V2.1
More results

Similar Description - DPS-2000CBA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Murata Power Solutions ...
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com