Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MM1268 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part No. MM1268
Description  RGB Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  http://www.mitsumi.com
Logo 

   
 3 page
background image
MITSUMI
RGB Encoder MM1268
9
Yclp
12
VCC1
13
Iref
11
NC
OPEN
Determines internal reference
current
Connect a 47k
Ω resistor between
this pin and ground
Connects to capacitor for Y signal
clamp
10
SYNCIN
Composite sync signal input pin
14
Vref
Internal reference voltage pin
Reference voltage is 4V
Connect a 10µF capacitor between
this pin and ground.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
AD722RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA1645PRGB Encoder 1 2 3 4 5 MoreSony Corporation
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl