Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MM1268 Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part No. MM1268
Description  RGB Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  http://www.mitsumi.com
Logo 

   
 5 page
background image
MITSUMI
RGB Encoder MM1268
21
BOUT
22
GOUT
23
ROUT
RGB signal output pin
Able to drive 75
Ω load
24
GND2
Output stage GND
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
+7
V
Allowable loss
Pd *1
720
mW
Recommended Operating Conditions
Note :
*1 Loss tolerance when garaepo board is mounted. (25.0 75.0 0.8mm garaepo board)
Item
Symbol
Ratings
Units
Operating temperature
TOPR
-20~+75
°C
Operating voltage
VOP
4.75~5.25
°C




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
AD722RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA1645PRGB Encoder 1 2 3 4 5 MoreSony Corporation
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl