Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-1304 Datasheet(PDF) 1 Page - Soberton Inc.

Part # SP-1304
Description  Dynamic Speaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

SP-1304 Datasheet(HTML) 1 Page - Soberton Inc.

  SP-1304 Datasheet HTML 1Page - Soberton Inc. SP-1304 Datasheet HTML 2Page - Soberton Inc. SP-1304 Datasheet HTML 3Page - Soberton Inc. SP-1304 Datasheet HTML 4Page - Soberton Inc. SP-1304 Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: SP-1304
PRODUCT: Dynamic Speaker
EDITION: A/2016
THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE PHONE USE
DYNAMIC SPEAKER ELECTORACOUSTIC CHARACTERISTICS
sound pressure level
88±3dB SPL @0.8, 1.0, 1.5 and 2.0KHz in average (0dB SPL=20μPa)
measuring condition
0.1W(Sine wave) 10cm measured with baffler shown in Fig.1
frequency response curve
As shown in Fig.2
response frequency
900±20%Hz @ 1V. (without baffler)
rated noise power
0.2W
short-term max. power
0.3W must be normal at a white noise (1W, F0-20KHz) for 1 minute
distortion
Less than 10% @1KHz, 0.1M, 0.2W frequency range, input level up to 2.53Vrms
operation test
Must be free audible noise (buzzes and rattles)
300 ~ 8KHz frequency range, input level up to 2.53Vrms
GENERAL SPECIFICATIONS
operating temperature
range
-20oC ~ +60oC
standard test conditions
temperature
17oC ~ 25oC
relative humidity
45% ~ 80%(RH)
ac impedance
32±15%Ω (@2KHz 1V) without baffler
dc resistance
30±15%Ω
dimensions
Ø13.0*4.3
MEASURING METHOD (SPEAKER MODE) (Figure 1)
PAGE 1/5
Standard test condition of speaker
Microphone
318
Speaker
Power Amplifier
Audio Analyzer 6125y
TEST CONDITION
STANDARD
temperature
15 ~ 35oC
relative humdity
45% ~ 85%
atmospheric pressure 860mbar to 1060mbar.
STANDARD TEST FIXTURE
input power
0.1W (1.789V)
zero level
-dB
mode
TSR
potentiometer range 50dB
sweep time
0.5sec


Similar Part No. - SP-1304

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1304-2 SOBERTON-SP-1304-2 Datasheet
273Kb / 6P
   SP DYNAMIC SPEAKER UNIT
More results

Similar Description - SP-1304

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
SP-7140-2 SOBERTON-SP-7140-2 Datasheet
515Kb / 6P
   Dynamic Speaker
SP-6619 SOBERTON-SP-6619 Datasheet
432Kb / 6P
   Dynamic Speaker
SP-2605 SOBERTON-SP-2605 Datasheet
429Kb / 5P
   Dynamic Speaker
SP-1813S SOBERTON-SP-1813S_16 Datasheet
400Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com