Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4148 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD4148
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD4148 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD4148_14 Datasheet HTML 1Page - Pan Jit International Inc. MMBD4148_14 Datasheet HTML 2Page - Pan Jit International Inc. MMBD4148_14 Datasheet HTML 3Page - Pan Jit International Inc. MMBD4148_14 Datasheet HTML 4Page - Pan Jit International Inc. MMBD4148_14 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 27,2014-REV.03
MMBD4148 / MMBD4448
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volt
250mWatt
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SOT-23 plastic case.
Terminals : Solderable per MIL-STD-750,Method 2026
Standard packaging : 8mm tape
Approx weight : 0.0003 ounces, 0.0084 grams
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE :
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω
SINGLE
PAR AM E T E R
SYM B O L
M M B D 4148
M M B D 4448
UNITS
M a r k i ng C ode
A2
A3
Re ve r s e Vo ltage
V R
75
V
P eak Re ve r s e Vo lt age
V RM
100
V
RM S Vo lt age
V RMS
50
V
M a xi m um D C B loc ki ng Vo lt age
V DC
75
V
M a xi m um A ver age F o r war d
C ur r ent at Ta = 2 5 OC
IAV
150
mA
P eak F o r war d S ur ge C ur r ent , 1. 0us
IFS M
4
A
P o we r D i s s i pat i o n D e r a t e A bove 25 OC
P TOT
250
mW
M a xi m um F o r war d Vo ltage
V F
0. 7 15@ 0.001A
0.855@ 0.01A
1. 0@ 0. 0 5 A
1. 2 5 @ 0 .15A
0. 72 / 0 . 005A
1.0 / 0. 1A
V
M a xi m um D C Re ve r s e C ur r e nt at Ra t ed D C B loc ki ng Vo ltage
TJ=
2 5 OC
IR
0.025@ 2 0 V
2.5@ 75V
2. 5@ 75V
uA
J unc t i on C apac i t anc e ( No t e s 1 )
CJ
1. 5
4. 0
pF
M a xi m um Re ve r s e Re c o ve r y ( Not es 2)
TRR
4. 0
4. 0
ns
Typ i ca l The r m a l Re si sta nce
R
θJA
357
OC / W
S tor age Te m per at ur e Ra ng e
TJ
- 55 t o +150
O C
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - MMBD4148_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MMBD4148 TSC-MMBD4148_14 Datasheet
213Kb / 4P
   SMD Switching Diode
More results

Similar Description - MMBD4148_14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com