Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30H90CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR30H90CT
Description  High-Voltage Dual Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR30H90CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR30H90CT Datasheet HTML 1Page - Vishay Siliconix MBR30H90CT Datasheet HTML 2Page - Vishay Siliconix MBR30H90CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR30H100CT, MBRF30H100CT & MBRB30H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88791
www.vishay.com
11-Jul-03
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0.1
0.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100
10
0.1
0.01
1.0
1
0.1
10
100
1000
10000
0.01
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
1
10
100
100
10000
0.1
10
Fig. 5 – Typical Junction Capacitance
Per Leg
Reverse Voltage (V)
20
100
40
60
80
Fig. 4 – Typical Reverse
Characteristics Per Leg
Fig. 6 – Typical Transient
Thermal Impedance
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration (sec.)
TJ = 175°C
100
°C
125
°C
150
°C
25
°C
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
Fig. 1 – Forward Derating Curve
Per Leg
Case Temperature (
°C)
TJ = 175°C
150
°C
125
°C
100
°C
25
°C
0.1
0.1
0.01
1
1
10
10
100
MBRF30H90CT - MBRF30H100CT
MBR30H90CT - MBR30H100CT
MBRB30H90CT - MBRB30H100CT
0
50
100
150
200
250
300
1
10
100
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
Number of Cycles at 60 HZ
Tj = Tj max
8.3ms Single Half-Wave
(JEDEC Method)
1000


Similar Part No. - MBR30H90CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT Datasheet
169Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 12-Nov-07
MBR30H90CT VISHAY-MBR30H90CT Datasheet
159Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 19-May-08
MBR30H90CT VISHAY-MBR30H90CT Datasheet
130Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 17-Nov-09
logo
Kersemi Electronic Co.,...
MBR30H90CT KERSEMI-MBR30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR30H90CT KERSEMI-MBR30H90CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results

Similar Description - MBR30H90CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRB25H60CT VISHAY-MBRB25H60CT Datasheet
95Kb / 3P
   Dual High-Voltage Schottky Rectifiers
7-May-03
MBR20H150CT VISHAY-MBR20H150CT Datasheet
76Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
   Dual High-Voltage Schottky Rectifiers
10-May-04
MBR30H150CT1 VISHAY-MBR30H150CT1 Datasheet
88Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBRB10H100CT VISHAY-MBRB10H100CT Datasheet
78Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Apr-03
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com