Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE840MB6330MB14R17 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PHE840MB6330MB14R17
Description  Small dimensions including low profile capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE840MB6330MB14R17 Datasheet(HTML) 2 Page - Kemet Corporation

  PHE840MB6330MB14R17 Datasheet HTML 1Page - Kemet Corporation PHE840MB6330MB14R17 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PhE840m
aRtiCLE taBLE
lEad sPacinG 7.5 mm
0.010 K01
4.0
8.0 10.0
14 100 PHE840MK5100MK01R17
0.012 K01
4.0
8.0 10.0
13 100 PHE840MK5120MK01R17
0.015 K01
4.0
8.0 10.0
12 100 PHE840MK5150MK01R17
0.018 K03
5.0 11.0 10.0
11 100 PHE840MK5180MK03R17
0.022 K03
5.0 11.0 10.0
10 100 PHE840MK5220MK03R17
0.027 K03
5.0 11.0 10.0
9.5 100 PHE840MK5270MK03R17
0.033 K03
5.0 11.0 10.0
8.8 100 PHE840MK5330MK03R17
0.039 K03
5.0 11.0 10.0
8.3 100 PHE840MK5390MK03R17
0.047 K04
6.0 12.0 10.0
7.5 100 PHE840MK5470MK04R17
lEad sPacinG 10 mm
0.022 A01
4.0
9.0 13.0
8.5 100 PHE840MA5220MA01R17
0.027 A01
4.0
9.0 13.0
8.0 100 PHE840MA5270MA01R17
0.033 A01
4.0
9.0 13.0
7.6 100 PHE840MA5330MA01R17
0.039 A02
4.5 10.5 13.0
6.7 100 PHE840MA5390MA02R17
0.047 A02
4.5 10.5 13.0 5.9 100 PHE840MA5470MA02R17
0.056 A03
5.0 11.0 13.0
5.5 100 PHE840MA5560MA03R17
0.068 A03
5.0 11.0 13.0
4.9 100 PHE840MA5680MA03R17
0.082 A04
6.0 12.0 13.0
4.4 100 PHE840MA5820MA04R17
0.10
A05
9.5
7.5 13.0
4.0 100 PHE840MP6100MA05R17
0.10
A04
6.0 12.0 13.0
4.0 100 PHE840MA6100MA04R17
lEad sPacinG 15 mm
0.047 B04
5.5 10.5 18.0
5.0 100 PHE840MB5470MB04R17
0.056 B04
5.5 10.5 18.0
4.6 100 PHE840MB5560MB04R17
0.068 B04
5.5 10.5 18.0
4.2 100 PHE840MB5680MB04R17
0.082 B05
5.5 12.5 18.0
3.9 100 PHE840MB5820MB05R17
0.10
B05
5.5 12.5 18.0
3.7 100 PHE840MB6100MB05R17
0.12
B10
6.5 12.5 18.0
3.3 100 PHE840MB6120MB10R17
0.15
B10
6.5 12.5 18.0
2.8 100 PHE840MB6150MB10R17
0.18
B06
7.5 14.5 18.0
2.7 100 PHE840MB6180MB06R17
0.22
B06
7.5 14.5 18.0
2.6 100 PHE840MX6220MB06R17*
0.22
B17 13.0 12.5 18.0
2.5 100 PHE840MQ6220MB17R17
0.22
B12
8.0 15.0 18.0
2.5 100 PHE840MB6220MB12R17
0.27
B11
8.5 16.0 18.0
2.3 100 PHE840MB6270MB11R17
0.33
B11
8.5 16.0 18.0
2.2 100 PHE840MX6330MB11R17*
0.33
B17 13.0 12.5 18.0
2.2 100 PHE840MH6330MB17R17*
0.33
B14
9.5 17.5 18.0
2.0 100 PHE840MB6330MB14R17
0.39
B16 11.0 19.0 18.0
1.9 100 PHE840MB6390MB16R17
0.47
B16 11.0 19.0 18.0
1.8 100 PHE840MB6470MB16R17
appRoVaLs
certification Body
specification
ENEC
EN/IEC 60384-14:2005
UL
UL 60384-14
CAN/CSA-E60384-14:09
oRdERing inFoRmation
maRKing
• RIFA
• RIFA article code
• Rated capacitance
• Capacitance tolerance code
• Rated voltage
• X2
• Approval marks
• Manufacturing date code
• IEC climatic category
• Passive flammability class
The article code for the standard part is given in the article table.
lEad sPacinG 22.5 mm
0.22
D13
6.5 14.5 26.0
2.1 100 PHE840MD6220MD13R06L2
0.27
D17
7.0 16.5 26.0
1.9 100 PHE840MD6270MD17R06L2
0.33
D17
7.0 16.5 26.0
1.8 100 PHE840MD6330MD17R06L2
0.39
D14
8.0 16.0 26.0
1.7 100 PHE840MD6390MD14R06L2
0.47
D14
8.0 16.0 26.0
1.6 100 PHE840MY6470MD14R06L2*
0.47
D15
9.0 18.5 26.0
1.5 100 PHE840MD6470MD15R06L2
0.56
D15
9.0 18.5 26.0
1.4 100 PHE840MD6560MD15R06L2
0.68
D15
9.0 18.5 26.0
1.3 100 PHE840MY6680MD15R06L2*
0.68
D18 10.5 19.0 26.0
1.2 100 PHE840MD6680MD18R06L2
0.82
D16 11.0 21.5 26.0
1.1 100 PHE840MD6820MD16R06L2
1.0
D16 11.0 21.5 26.0
1.1 100 PHE840MY7100MD16R06L2*
1.0
D20 13.5 23.0 26.0
1.0 100 PHE840MD7100MD20R06L2
1.2
D19 15.5 24.5 26.0 0.90 100 PHE840MD7120MD19R06L2
1.5
D19 15.5 24.5 26.0 0.85 100 PHE840MD7150MD19R06L2
lEad sPacinG 27.5 mm
0.82
F11 10.5 20.5 31.5
1.0 100 PHE840MF6820MF11R06L2
1.0
F11 10.5 20.5 31.5
1.0 100 PHE840MZ7100MF11R06L2 *
1.0
F12 11.5 22.5 31.5 0.95 100 PHE840MF7100MF12R06L2
1.2
F03 13.5 23.0 31.5 0.82 100 PHE840MF7120MF03R06L2
1.5
F13 14.5 24.5 31.5 0.73 100 PHE840MF7150MF13R06L2
1.8
F14 17.5 28.0 31.5 0.65 100 PHE840MF7180MF14R06L2
2.2
F14 17.5 28.0 31.5 0.64 100 PHE840MZ7220MF14R06L2 *
2.2
F15 19.0 29.0 31.5 0.62 100 PHE840MF7220MF15R06L2
2.7
F15 19.0 29.0 31.5 0.58 100 PHE840MF7270MF15R06L2
3.3
F15 19.0 29.0 31.5 0.54 100 PHE840MZ7330MF15R06L2 *
3.3
F16 21.0 30.0 31.5 0.50 100 PHE840MF7330MF16R06L2
3.3
F18 31.0 19.0 31.5 0.50 100 PHE840MT7330MF18R06L2
lEad sPacinG 37.5 mm
1.8
R05 13.0 24.0 41.0 0.60 100 PHE840MR7180MR05R06L2
2.2
R05 13.0 24.0 41.0 0.58 100 PHE840MR7220MR05R06L2
2.7
R04 15.0 26.0 41.0 0.53 100 PHE840MR7270MR04R06L2
3.3
R04 15.0 26.0 41.0 0.49 100 PHE840MR7330MR04R06L2
3.9
R02 16.5 32.0 41.0 0.46 100 PHE840MR7390MR02R06L2
4.7
R03 19.0 36.0 41.0 0.44 100 PHE840MR7470MR03R06L2
5.6
R06 21.0 38.0 41.0 0.41 100 PHE840MR7560MR06R06L2
6.8
R06 21.0 38.0 41.0 0.39 100 PHE840MR7680MR06R06L2
8.2
R08 28.0 43.0 41.0 0.30 100 PHE840MR7820MR08R06L2
10.0
R08 28.0 43.0 41.0 0.26 100 PHE840MR8100MR08R06L2
* Only ± 20% tolerance
capaci- Box max dimensions
max
tance
code in mm
f
o
du/dt article code
µf
B
h
l
mhz v/µs
capaci- Box max dimensions
max
tance
code in mm
f
o
du/dt article code
µf
B
h
l
mhz v/µs
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
(UR = 280 VAC)
(UR = 280 VAC)


Similar Part No. - PHE840MB6330MB14R17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE840MB6330MB14R17 ETC2-PHE840MB6330MB14R17 Datasheet
55Kb / 3P
   New, small dimensions including low profile capacitors
logo
Kemet Corporation
PHE840MB6330MB14R17 KEMET-PHE840MB6330MB14R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
More results

Similar Description - PHE840MB6330MB14R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
   New, small dimensions including low profile capacitors
logo
List of Unclassifed Man...
PHE840M ETC2-PHE840M Datasheet
55Kb / 3P
   New, small dimensions including low profile capacitors
logo
Willow Technologies Ltd
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
AP2606AGY-HF A-POWER-AP2606AGY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com