Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD7000_R2_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # MMBD7000_R2_00001
Description  SURFACE MOUNT SWITCHING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD7000_R2_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  MMBD7000_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD7000_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD7000_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD7000_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD7000_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc. MMBD7000_R2_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
REV.0.2-APR.22.2009
MMBD7000
ELECTRICAL CHARACTERISTICS CURVE
0.001
0.010
0.100
1.000
10.000
0
20406080
Reverse Voltage, V
R (V)
T =150 C
J
O
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward Voltage, V
F (V)
0
0.5
1
1.5
2
2.5
0
102030
40506070
80
Reverse Voltage, V R (V)
2. Reverse Current vs. Reverse Voltage
Fig.
Fig. 4. Capacitance vs. Reverse Voltage
Fig. 3. Forward Current vs. Forward
T=75 C
J
O
T=25 C
J
O
T=150 C
J
O
T=75 C
J
O
T=25 C
J
O
T =-25 C
J
O


Similar Part No. - MMBD7000_R2_00001

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
logo
Diodes Incorporated
MMBD7000-7 DIODES-MMBD7000-7 Datasheet
151Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 3 - 2
MMBD7000-7-F DIODES-MMBD7000-7-F Datasheet
76Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 6 - 2
MMBD7000-7-F DIODES-MMBD7000-7-F Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Goodwork Semiconductor ...
MMBD7000-CAR GWSEMI-MMBD7000-CAR Datasheet
211Kb / 3P
   Silicon Epitaxial Planar Switching Diode
More results

Similar Description - MMBD7000_R2_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com