Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0151330200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0151330200
Description  Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0151330200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0151330200 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/15/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0151330200
Status:
Active
Overview:
Pico-Clasp™ Wire-to-Board Connectors
Description:
Pico-Clasp™-to-Pico-Clasp™ Off-the-Shelf (OTS) Cable Assembly, Single Row,
50.00mm Length, 2 Circuits, White
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
15133
Assembly Configuration
Dual Ended Connectors
Connector to Connector
Pico-Clasp™-to-Pico-Clasp™
Overview
Pico-Clasp™ Wire-to-Board Connectors
Product Literature Order No
987651-6143
Product Name
Pico-Clasp™ OTS
UPC
191128137591
Physical
Cable Length
50.00mm
Circuits (Loaded)
2
Color - Resin
White
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.237/g
Packaging Type
Bag
Pitch - Mating Interface
1.00mm
Plating min - Mating
1.000µm
Plating min - Termination
1.000µm
Single Ended
No
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.60mm
Wire Size AWG
28
Wire/Cable Type
UL 1571
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
2012341662-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
15133 Series
Mates With
501331 , 501568 PCB Header
This document was generated on 06/15/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0151330200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151330200 MOLEX1-0151330200_17 Datasheet
42Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm Length, 2 Circuits, White
0151330200 MOLEX1-0151330200_18 Datasheet
42Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm Length, 2 Circuits, White
0151330200 MOLEX-0151330200_V01 Datasheet
43Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm Length, 2 Circuits, White
More results

Similar Description - 0151330200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0151330805 MOLEX1-0151330805 Datasheet
48Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330300 MOLEX1-0151330300 Datasheet
44Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330403 MOLEX1-0151330403 Datasheet
44Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330605 MOLEX1-0151330605 Datasheet
46Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330702 MOLEX1-0151330702 Datasheet
46Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330502 MOLEX1-0151330502 Datasheet
45Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330606 MOLEX1-0151330606 Datasheet
46Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330602 MOLEX1-0151330602 Datasheet
46Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330305 MOLEX1-0151330305 Datasheet
44Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330301 MOLEX1-0151330301 Datasheet
44Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
0151330806 MOLEX1-0151330806 Datasheet
48Kb / 1P
   Pico-Clasp-to-Pico-Clasp Off-the-Shelf (OTS) Cable Assembly, Single Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com