Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZV4.3B Datasheet(PDF) 2 Page - Rohm

Part # UDZV4.3B
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZV4.3B Datasheet(HTML) 2 Page - Rohm

  UDZV4.3B Datasheet HTML 1Page - Rohm UDZV4.3B Datasheet HTML 2Page - Rohm UDZV4.3B Datasheet HTML 3Page - Rohm UDZV4.3B Datasheet HTML 4Page - Rohm UDZV4.3B Datasheet HTML 5Page - Rohm UDZV4.3B Datasheet HTML 6Page - Rohm UDZV4.3B Datasheet HTML 7Page - Rohm UDZV4.3B Datasheet HTML 8Page - Rohm UDZV4.3B Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UDZV Series
                                    Data sheet
Characteristic (Ta = 25ºC)
           
  
  
  
  
  
  
  
  
 
P/N
Symbol
Zener Voltage:VZ(V)
Dynamic Impedance:ZZ(Ω) Zener Impedance:ZZK(Ω) Reverse Current:IR(μA)
MIN.
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
UDZV 2.0B
2.020
2.200
5
100
5
1000
0.5
120
0.5
UDZV 2.2B
2.220
2.410
5
100
5
1000
0.5
120
0.7
UDZV 2.4B
2.430
2.630
5
100
5
1000
0.5
120
1.0
UDZV 2.7B
2.690
2.910
5
110
5
1000
0.5
100
1.0
UDZV 3.0B
3.010
3.220
5
120
5
1000
0.5
50
1.0
UDZV 3.3B
3.320
3.530
5
120
5
1000
0.5
20
1.0
UDZV 3.6B
3.600
3.845
5
100
5
1000
1.0
10
1.0
UDZV 3.9B
3.890
4.160
5
100
5
1000
1.0
5
1.0
UDZV 4.3B
4.170
4.430
5
100
5
1000
1.0
5
1.0
UDZV 4.7B
4.550
4.750
5
100
5
800
0.5
2
1.0
UDZV 5.1B
4.980
5.200
5
80
5
500
0.5
2
1.5
UDZV 5.6B
5.490
5.730
5
60
5
200
0.5
1
2.5
UDZV 6.2B
6.060
6.330
5
60
5
100
0.5
1
3.0
UDZV 6.8B
6.650
6.930
5
40
5
60
0.5
0.5
3.5
UDZV 7.5B
7.280
7.600
5
30
5
60
0.5
0.5
4.0
UDZV 8.2B
8.020
8.360
5
30
5
60
0.5
0.5
5.0
UDZV 9.1B
8.850
9.230
5
30
5
60
0.5
0.5
6.0
UDZV 10B
9.770
10.210
5
30
5
60
0.5
0.1
7.0
UDZV 11B
10.760
11.220
5
30
5
60
0.5
0.1
8.0
UDZV 12B
11.740
12.240
5
30
5
80
0.5
0.1
9.0
UDZV 13B
12.910
13.490
5
37
5
80
0.5
0.1
10.0
UDZV 15B
14.340
14.980
5
42
5
80
0.5
0.1
11.0
UDZV 16B
15.850
16.510
5
50
5
80
0.5
0.1
12.0
UDZV 18B
17.560
18.350
5
65
5
80
0.5
0.1
13.0
UDZV 20B
19.520
20.390
5
85
5
100
0.5
0.1
15.0
UDZV 22B
21.540
22.470
5
100
5
100
0.5
0.1
17.0
UDZV 24B
23.720
24.780
5
120
5
120
0.5
0.1
19.0
UDZV 27B
26.190
27.530
5
150
5
150
0.5
0.1
21.0
UDZV 30B
29.190
30.690
5
200
5
200
0.5
0.1
23.0
UDZV 33B
32.150
33.790
5
250
5
250
0.5
0.1
25.0
UDZV 36B
35.070
36.870
5
300
5
300
0.5
0.1
27.0
UDZV 39B
38.020
39.980
2
300
2
-
-
0.1
30.0
UDZV 43
40.000
45.000
2
550
2
-
-
0.1
33.0
UDZV 47
44.000
49.000
2
600
2
-
-
0.1
36.0
VZ test time is 40ms.
                     
Marking
 
P/N
Marking
P/N
Marking
 
UDZV 2.0B
02
UDZV 10B
05
 
UDZV 2.2B
12
UDZV 11B
15
 
UDZV 2.4B
22
UDZV 12B
25
 
UDZV 2.7B
32
UDZV 13B
35
 
UDZV 3.0B
42
UDZV 15B
45
 
UDZV 3.3B
52
UDZV 16B
55
 
UDZV 3.6B
62
UDZV 18B
65
 
UDZV 3.9B
72
UDZV 20B
75
 
UDZV 4.3B
82
UDZV 22B
85
 
UDZV 4.7B
92
UDZV 24B
95
 
UDZV 5.1B
A2
UDZV 27B
A5
 
UDZV 5.6B
C2
UDZV 30B
C5
 
UDZV 6.2B
E2
UDZV 33B
E5
 
UDZV 6.8B
F2
UDZV 36B
F5
UDZV 7.5B
H2
UDZV 39B
H5
UDZV 8.2B
J2
UDZV 43
L8
UDZV 9.1B
L2
UDZV 47
M8
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
2/6
 
               
2017/01/12_Rev.002


Similar Part No. - UDZV4.3B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZV4.3B ROHM-UDZV4.3B Datasheet
2Mb / 10P
   Zener Diode
UDZV4.3B ROHM-UDZV4.3B Datasheet
2Mb / 10P
   Zener Diode
UDZV4.3B ROHM-UDZV4.3B Datasheet
2Mb / 10P
   Zener Diode
UDZV4.3B ROHM-UDZV4.3B Datasheet
2Mb / 10P
   Zener Diode
UDZV4.3B ROHM-UDZV4.3B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - UDZV4.3B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com