Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6956 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6956
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6956 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6956 Datasheet HTML 6Page - Maxim Integrated Products MAX6956 Datasheet HTML 7Page - Maxim Integrated Products MAX6956 Datasheet HTML 8Page - Maxim Integrated Products MAX6956 Datasheet HTML 9Page - Maxim Integrated Products MAX6956 Datasheet HTML 10Page - Maxim Integrated Products MAX6956 Datasheet HTML 11Page - Maxim Integrated Products MAX6956 Datasheet HTML 12Page - Maxim Integrated Products MAX6956 Datasheet HTML 13Page - Maxim Integrated Products MAX6956 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or
28-Port LED Display Driver and I/O Expander
10
______________________________________________________________________________________
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10 P11 P12 P13 P14 P15 P16 P17 P18 P19 P20 P21 P22 P23 P24 P25 P26 P27 P28 P29 P30 P31
7-SEGMENT DIGIT 1
VIRTUAL SEGMENTS
VIRTUAL SEGMENTS
7-SEGMENT DIGIT 5
7-SEGMENT DIGIT 6
7-SEGMENT DIGIT 7
7-SEGMENT DIGIT 2
7-SEGMENT DIGIT 3
7-SEGMENT DIGIT 4
V+
V+
P0
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10 P11 P12 P13 P14 P15 P16 P17 P18 P19 P20 P21 P22 P23 P24 P25 P26 P27 P28 P29 P30 P31
Figure 7. Two MAX6956s Controlling Seven 7-Segment Displays
SA
A
P
0
SLAVE ADDRESS
COMMAND BYTE
ACKNOWLEDGE FROM MAX6956
R/W
ACKNOWLEDGE FROM MAX6956
D15 D14 D13 D12 D11 D10
D9
D8
COMMAND BYTE IS STORED ON RECEIPT OF STOP CONDITION
COMMAND BYTE RECEIVED
Figure 8. Command Byte Received
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
ACKNOWLEDGE FROM MAX6956
1 BYTE
D15 D14
D13 D12
D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
HOW COMMAND BYTE AND DATA BYTE MAP INTO MAX6956's REGISTER
ACKNOWLEDGE FROM MAX6956
ACKNOWLEDGE FROM MAX6956
R/W
Figure 9. Command and Single Data Byte Received


Similar Part No. - MAX6956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6956 MAXIM-MAX6956 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956AAI MAXIM-MAX6956AAI Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956AAI++ MAXIM-MAX6956AAI+ Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956AAX MAXIM-MAX6956AAX Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956AAX++ MAXIM-MAX6956AAX+ Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results

Similar Description - MAX6956

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com