Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1415AEWE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1415AEWE
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1415AEWE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1415AEWE Datasheet HTML 1Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 2Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 3Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 4Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 5Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 6Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 7Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 8Page - Maxim Integrated Products MAX1415AEWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX1415
(VDD = 3V, GND = 0, VREF+ = 1.225V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to
GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Maximum Current Input into Any Pin ..................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin PDIP (derate 10.5mW/°C above +70°C)...........842mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) .........755mW
16-Pin Wide SO (derate 9.5mW/°C above +70°C) ......762mW
Operating Temperature Range ..........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution (No Missing Codes)
16
Bits
Output Noise
(Tables 1, 3)
µV
Integral Nonlinearity
INL
Gain = 1, bipolar mode, unbuffered
±0.0015 %FSR
Unipolar Offset Error
After calibration
(Note 1)
µV
Unipolar Offset Drift
(Note 2)
0.5
µV/°C
Bipolar Zero Error
After calibration
(Note 1)
µV
Gain = 1 to 4
0.5
Bipolar Zero Drift (Note 2)
Gain = 8 to 128
0.1
µV/°C
Positive Full-Scale Error
After calibration
(Notes 1, 3)
µV
Full-Scale Drift
(Notes 2, 4)
0.5
µV/°C
Gain Error
After calibration
(Notes 1, 5)
µV
Gain Drift
(Notes 2, 6)
0.5
ppm of
FSR/°C
Bipolar Negative Full-Scale Error
After calibration
±0.003
%FSR
Gain = 1 to 4
1
Bipolar Negative Full-Scale Drift
(Note 2)
Gain = 8 to 128
0.6
µV/°C
ANALOG INPUTS (AIN1+, AIN1-, AIN2+, AIN2-)
Unipolar input range
0
VREF /
GAIN
AIN Differential Input Voltage
Range (Note 7)
Bipolar input range
-VREF /
GAIN
VREF /
GAIN
V
Unbuffered
GND -
30mV
VDD +
30mV
AIN Absolute Input Voltage
Range (Note 8)
Buffered
GND +
50mV
VDD -
1.5V
V
AIN DC Leakage Current
Unselected input channel
1
nA


Similar Part No. - MAX1415AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415AEWE MAXIM-MAX1415AEWE Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
More results

Similar Description - MAX1415AEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com