Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM7001 Datasheet(PDF) 7 Page - C-Media Electronics

Part # CM7001
Description  Voice and Audio Processor SOC Powered By Xear Sound Technologies
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM7001 Datasheet(HTML) 7 Page - C-Media Electronics

Back Button CM7001 Datasheet HTML 3Page - C-Media Electronics CM7001 Datasheet HTML 4Page - C-Media Electronics CM7001 Datasheet HTML 5Page - C-Media Electronics CM7001 Datasheet HTML 6Page - C-Media Electronics CM7001 Datasheet HTML 7Page - C-Media Electronics CM7001 Datasheet HTML 8Page - C-Media Electronics CM7001 Datasheet HTML 9Page - C-Media Electronics CM7001 Datasheet HTML 10Page - C-Media Electronics CM7001 Datasheet HTML 11Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
CM7001/CM7001N
Voice and Audio Processor SOC Powered By Xear™ Sound Technologies
Datasheet Revision: 1.0
www.cmedia.com.tw
Page 7 / 29
Copyright© C-Media Electronics Inc.
 Supports flexible I/O connection and configurable signal routing paths by internal ROM codes:
analog-to-analog (default)
DMIC-to-DMIC
I2S-to-I2S
analog-to-I2S
DMIC-to-I2S
 Allows by-passing DSP process from inputs to outputs
3.4 Control interface
 Supports 2-mode selector control input pins, or I2C control to switch among 4 chip operation modes:
Power-Down/Active /Bypass/Suspend
 Master/slave I2C control interface for interaction with the baseband, application processor, MCU, EEPROM, or
other components (supports 100kHz and 400kHz speeds; 100kHz is the default in master mode)
 Configurable UART control interface
 Supports up to 8 GPIOs (shared pins)
3.5 Power management
 Supports 4-power state/operation modes: Power-down/Active/Bypass/Suspend
 Power-down mode current (for power saving in standby/sleep states of mobile phones): < 1uA
 Active mode current (ENC-ON): ~21.16 mA (AVDD=2.8V, DVDD=1.8V, Clock=26 MHz, digital mic in/out)
 Supply current can be lower with some advanced power management configurations
 Wide power supply range with built-in LDO regulators
3.6 Audio DAC/ADC
 Embedded 2-channel audio sigma-delta ADC
 Embedded mono audio DAC
 16-bit/16kHz high-fidelity voice data conversion
 High S-N ratio: ~90 dB
 Supports mic pre-ampilifer with PGA gain: 0~+31dB, 1dB/step (default=+20dB)
 Aux-In PGA gain: -12~+19dB, 1dB/step (default=+8dB)
 Supports DAC PGA gain: 0 ~ -31dB, 1dB/step (default= -17dB)
3.7 F/W control
 Allows the baseband to read/write commands/parameters in RAM or HW registers via I2C in real-time
 Allows downloads to upgrade the entire F/W codes into instruction RAM via I2C
 Power-on loading F/W codes or customized HW and algorithm parameters from external I2C EEPROM\


Similar Part No. - CM7001

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM7001 CML-CM7001 Datasheet
217Kb / 1P
   T-1 3/4 Bi-Pin Base (.125)
More results

Similar Description - CM7001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
September 2003
logo
Cirrus Logic
CS470XX CIRRUS-CS470XX Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47048 CIRRUS-CS47048 Datasheet
667Kb / 34P
   Audio SOC Processor Family
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com