Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1938 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1938
Description  Two-Phase Desktop CPU Core Supply Controllers with Controlled VID Change
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1938 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1938 Datasheet HTML 3Page - Maxim Integrated Products MAX1938 Datasheet HTML 4Page - Maxim Integrated Products MAX1938 Datasheet HTML 5Page - Maxim Integrated Products MAX1938 Datasheet HTML 6Page - Maxim Integrated Products MAX1938 Datasheet HTML 7Page - Maxim Integrated Products MAX1938 Datasheet HTML 8Page - Maxim Integrated Products MAX1938 Datasheet HTML 9Page - Maxim Integrated Products MAX1938 Datasheet HTML 10Page - Maxim Integrated Products MAX1938 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Two-Phase Desktop CPU Core Supply Controllers
with Controlled VID Change
_______________________________________________________________________________________
7
EFFICIENCY vs. LOAD CURRENT
AT 1.45V OUTPUT
LOAD CURRENT (A)
10
60
70
80
90
50
1
100
VIN = 8V
VIN = 14V
VIN = 12V
VOUT = 1.45V
50
60
70
80
90
1
10
100
EFFICIENCY vs. LOAD CURRENT
AT 1.85V OUTPUT
LOAD CURRENT (A)
VIN = 12V
VIN = 14V
VOUT = 1.85V
VIN = 8V
FREQUENCY vs. LOAD CURRENT
LOAD CURRENT (A)
50
40
30
20
10
50
100
150
200
250
300
350
0
060
VIN = 12V
VOUT = 1.45V
FREQUENCY vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
13
12
11
10
9
175
200
225
250
275
300
325
150
814
ILOAD = 46A
VOUT = 1.45V
ILOAD = 1A
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
-20
0
20
40
225
230
235
240
245
250
255
260
220
-40
100
VIN = 12V
VOUT = 1.45V
ILOAD = 10A
VCC INPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
13
12
11
10
9
5
10
15
20
25
0
814
VOUT = 1.45V
VDD CURRENT vs. VDD VOLTAGE
VDD VOLTAGE (V)
5.3
5.1
4.9
4.7
1.55
1.60
1.65
1.70
1.75
1.80
1.50
4.5
5.5
Typical Operating Characteristics
(VIN = 12V, VOUT = 1.45V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1938

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1938 MAXIM-MAX1938 Datasheet
508Kb / 9P
   a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
MAX1938EVKIT MAXIM-MAX1938EVKIT Datasheet
508Kb / 9P
   a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
MAX1938EVKIT++ MAXIM-MAX1938EVKIT+ Datasheet
508Kb / 9P
   a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
More results

Similar Description - MAX1938

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com