Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1415EWE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1415EWE
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1415EWE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1415EWE Datasheet HTML 1Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 2Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 3Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 4Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 5Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 6Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 7Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 8Page - Maxim Integrated Products MAX1415EWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1415 (continued)
(VDD = 3V, GND = 0, VREF+ = 1.225V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to
GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DOUT and
DRDY, ISOURCE = 100µA
VDD -
0.6V
Output-Voltage High
VOH
CLKOUT, ISOURCE = 10µA
VDD -
0.6V
V
Tri-State Leakage Current
IL
DOUT only
±10
µA
Tri-State Output Capacitance
COUT
DOUT only
9
pF
SYSTEM CALIBRATION
Full-Scale Calibration Range
GAIN = selected PGA gain (1 to 128)
(Note 10)
-1.05 ×
VREF /
GAIN
1.05 ×
VREF /
GAIN
V
Offset Calibration Range
GAIN = selected PGA gain (1 to 128)
(Note 10)
-1.05 ×
VREF /
GAIN
1.05 ×
VREF /
GAIN
V
Input Span
GAIN = selected PGA gain (1 to 128)
(Notes 10, 11)
0.8 ×
VREF /
GAIN
2.1 ×
VREF /
GAIN
V
POWER REQUIREMENTS
Power-Supply Voltage
VDD
2.7
3.6
V
Unbuffered, fCLKIN = 1MHz, gain = 1 to 128
0.40
Buffered, fCLKIN = 1MHz, gain = 1 to 128
0.725
Gain = 1 to 4
0.55
Unbuffered,
fCLKIN = 2.4576MHz
Gain = 8 to 128
0.55
Gain = 1 to 4
0.825
Buffered,
fCLKIN = 2.4576MHz
Gain = 8 to 128
1.0
mA
Power-Supply Current (Note 12)
IDD
Power-down mode (Note 13)
8
µA
Power-Supply Rejection Ratio
PSRR
VDD = 2.7V to 3.6V
(Note 14)
dB
EXTERNAL-CLOCK TIMING SPECIFICATIONS
CLKIN Frequency
fCLKIN
(Note 15)
400
2500
kHz
Duty Cycle
40
60
%
INTERNAL-CLOCK TIMING SPECIFICATIONS
MAX1415AE__,
fCLK = 1MHz (CLK = 0)
or 2.4576MHz (CLK = 1)
TA = -40°C to
+85°C
±4
MAX1415C__,
fCLK = 1MHz (CLK = 0)
or 2.4576MHz (CLK = 1)
TA = 0°C to
+70°C
±4
TA = -40°C to 0°C
±7
Internal-Clock Frequency
fCLK
MAX1415E__,
fCLK = 1MHz (CLK = 0)
or 2.4576MHz (CLK = 1)
TA= 0°C to +85°C
±4
%


Similar Part No. - MAX1415EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415EWE MAXIM-MAX1415EWE Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415EWE++ MAXIM-MAX1415EWE+ Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results

Similar Description - MAX1415EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com