Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62782GP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62782GP
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62782GP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62782GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62782GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62782GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62782GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M62782GP
1999-9-14
(
/ 4 )
MITSUBISHI <Standard Linear ICs>
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
2
100
tPD
0.6
0.7
ms
8
6
8
2
-30 to +85
-40 to +125
200
Vcc
Isink
Vo
Pd
K
Topr
Tstg
V
mA
V
mW
mW/ °C
°C
°C
VS
VS
VS/
T
ICC
Vsat
VOPL
VCC=5V
4.00
80
0.01
VCC=3.5V,Isink=4mA
RL=2.2k
,Vsat
0.4V
3.84
50
0.7
0.2
400
4.16
110
600
0.4
0.8
V
mV
V
V
%/ °C
µA
RL=100k
,Vsat
0.4V
IOH
30
nA
µA
Ta= - 30 to + 85
°C
1
t
t
L
H
0.65V
4.00V
"L" RESET TYPE
td
td
td
100msec
60
140
FUNCTION DIAGRAM
SUPPLY
VOLTAGE
OUTPUT
STATE
ABSOLUTE MAXINUM RATINGS (Ta=25°C Unless otherwise noted)
Supply Voltage
Output Sink Current
Output Voltage
Power Dissipation
Thermal Derating
Operating Temperature
Storage Temperature
Output with open collector
3pin SOP(SOT-23)
Ta
25°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, Unless otherwise noted)
Symbol
Parameter
Test condition
Limits
Unit
MIN
TYP
MAX
Detecting Voltage
Hysterisis Voltage
Detecting Voltage
Temperature Coefficient
Circut Current
Output Saturation Voltage
Threshold
Operating Voltage
Output Leak Current
Deray Time
Minimum supply voltage
for IC operation
Symbol
Parameter
Test condition
Ratings
Unit
OUTPUT
UNDEFIND
0
-
Vs
Vs+
∆Vs
Vs


Similar Part No. - M62782GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62782GP RENESAS-M62782GP Datasheet
148Kb / 5P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - M62782GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com