Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALP22A682AB250 Datasheet(PDF) 5 Page - Kemet Corporation

Part # ALP22A682AB250
Description  Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALP22A682AB250 Datasheet(HTML) 5 Page - Kemet Corporation

  ALP22A682AB250 Datasheet HTML 1Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 2Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 3Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 4Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 5Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 6Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 7Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 8Page - Kemet Corporation ALP22A682AB250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4046_ALP_T22_23 • 8/11/2016
Pin/Solder Tag/Audio Aluminum Electrolytic Capacitors – ALP22 and ALT22/23 Series, +85°C
Shelf Life
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however
the leakage current will very slowly increase. KEMET products are particularly stable and allow a shelf life in excess of three
years at 40°C. See sectional specification under each product series for specific data.
Re-age (Reforming) Procedure
Apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen
to a steady value below the specified limit. During re-aging a maximum charging current of twice the specified leakage
current or 5 mA (whichever is greater) is suggested.
Reliability
The reliability of a component can be defined as the probability that it will perform satisfactorily under a given set of
conditions for a given length of time.
In practice, it is impossible to predict with absolute certainty how any individual component will perform; thus, we must
utilize probability theory. It is also necessary to clearly define the level of stress involved (e.g. operating voltage, ripple
current, temperature and time). Finally, the meaning of satisfactory performance must be defined by specifying a set of
conditions which determine the end of life of the component.
Reliability as a function of time, R(t), is normally expressed as: R(t)=e-λt
where R(t) is the probability that the component will perform satisfactorily for time t, and λ is the failure rate.
Failure Rate
The failure rate is the number of components failing per unit time. The failure rate of most electronic components follows
the characteristic pattern:
• Early failures are removed during the manufacturing process.
• The operational life is characterized by a constant failure rate.
• The wear out period is characterized by a rapidly increasing failure rate.
The failures in time (FIT) are given with a 60% confidence level for the various type codes. By convention, FIT is expressed as
1 x 10-9 failures per hour. Failure rate is also expressed as a percentage of failures per 1,000 hours.
e.g., 100 FIT = 1 x 10-7 failures per hour = 0.01%/1,000 hours
End of Life Definition
Catastrophic Failure: short circuit, open circuit or safety vent operation
Parametric Failure:
• Change in capacitance > ±10%
• Leakage current > specified limit
• ESR > 2 x initial ESR value


Similar Part No. - ALP22A682AB250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALP22A680AB450 KEMET-ALP22A680AB450 Datasheet
203Kb / 4P
   Board Mounting or Solder Tag Terminations
ALP22A681DF450 KEMET-ALP22A681DF450 Datasheet
203Kb / 4P
   Board Mounting or Solder Tag Terminations
More results

Similar Description - ALP22A682AB250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
   4 Pin Solder tag
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
logo
List of Unclassifed Man...
ROB-6V330ME3 ETC2-ROB-6V330ME3 Datasheet
116Kb / 4P
   ROB Miniature Aluminum Electrolytic Capacitors For Audio
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com