Electronic Components Datasheet Search |
|
M74HC573TTR Datasheet(PDF) 4 Page - STMicroelectronics |
|
M74HC573TTR Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 12 page M74HC573 4/12 DC SPECIFICATIONS Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 VOH High Level Output Voltage 2.0 IO=-20 µA 1.9 2.0 1.9 1.9 V 4.5 IO=-20 µA 4.4 4.5 4.4 4.4 6.0 IO=-20 µA 5.9 6.0 5.9 5.9 4.5 IO=-6.0 mA 4.18 4.31 4.13 4.10 6.0 IO=-7.8 mA 5.68 5.8 5.63 5.60 VOL Low Level Output Voltage 2.0 IO=20 µA 0.0 0.1 0.1 0.1 V 4.5 IO=20 µA 0.0 0.1 0.1 0.1 6.0 IO=20 µA 0.0 0.1 0.1 0.1 4.5 IO=6.0 mA 0.17 0.26 0.33 0.40 6.0 IO=7.8 mA 0.18 0.26 0.33 0.40 II Input Leakage Current 6.0 VI = VCC or GND ± 0.1 ± 1 ± 1 µA IOZ High Impedance Output Leakage Current 6.0 VI = VIH or VIL VO = VCC or GND ± 0.5 ± 5 ± 10 µA ICC Quiescent Supply Current 6.0 VI = VCC or GND 440 80 µA |
Similar Part No. - M74HC573TTR |
|
Similar Description - M74HC573TTR |