Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHIR3333-30-PF Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LHIR3333-30-PF
Description  INFRARED EMITTING DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR3333-30-PF Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LHIR3333-30-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKING SPECIFICATION
1.500 PCS / BAG
W
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
2. 10 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
W
H
C/NO:
MADE IN CHINA
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
L
L
H


Similar Part No. - LHIR3333-30-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR3333-30-A-PF LIGITEK-LHIR3333-30-A-PF Datasheet
179Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR3333-30-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com