Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHIR3333-30-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LHIR3333-30-PF
Description  INFRARED EMITTING DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHIR3333-30-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LHIR3333-30-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHIR3333-30-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Storage time:
1.The operation of Temperatures and RH are : 5
~35,RH<60%.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the tape life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5
~ 35,RH<60%,
they should be treated at 60
℃±5 fo r 15hrs.
Drive Method:
LED is a current operated device, and therefore, require some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd
current should not be allowed to change by more than 40 % of its desired value.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Circuit model A
LED
Circuit model B
LED
Page 5/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LHIR3333-30-PF
PART NO.


Similar Part No. - LHIR3333-30-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHIR3333-30-A-PF LIGITEK-LHIR3333-30-A-PF Datasheet
179Kb / 9P
   INFRARED EMITTING DIODES
More results

Similar Description - LHIR3333-30-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
   INFRARED EMITTING DIODES
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
   INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
   INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
   INFRARED EMITTING DIODES
LHIR3331-PF LIGITEK-LHIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LHIR3333-S46-PF LIGITEK-LHIR3333-S46-PF Datasheet
263Kb / 8P
   INFRARED EMITTING DIODES
LHIR9653-30C LIGITEK-LHIR9653-30C Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LHIR9653-50B-L37 LIGITEK-LHIR9653-50B-L37 Datasheet
112Kb / 6P
   INFRARED EMITTING DIODES
LSIR3331-PF LIGITEK-LSIR3331-PF Datasheet
141Kb / 8P
   INFRARED EMITTING DIODES
LSIR3333-TRS LIGITEK-LSIR3333-TRS Datasheet
153Kb / 9P
   INFRARED EMITTING DIODES
logo
List of Unclassifed Man...
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
   INFRARED EMITTING DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com