Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT-KIT-221C Datasheet(PDF) 1 Page - Alpha Wire

Part # FIT-KIT-221C
Description  All materials used in the manufacture of this part are in compliance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-KIT-221C Datasheet(HTML) 1 Page - Alpha Wire

  FIT-KIT-221C Datasheet HTML 1Page - Alpha Wire FIT-KIT-221C Datasheet HTML 2Page - Alpha Wire FIT-KIT-221C Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. FIT-KIT-221C
Construction
1) Tubing Type
Heat Shrinkable Tubing (Assortment)
2) Tubing Material
Cross Linked Polyolefin
3) Color(s)
BLACK, WHITE, CLEAR, RED, YELLOW, BLUE, GREEN
PartNumber
Minimum Supplied ID (In)
Maximum Recovered ID
(In)
Nomiminal Recovered Wall
Thickness (In)
Quantity
FIT-221-3/32
0.093
0.046
0.020
28 x 6 IN (4 each color)
FIT-221-1/8
0.125
0.062
0.020
21 x 6 IN (3 each color)
FIT-221-3/16
0.187
0.093
0.020
21 x 6 IN (3 each color)
FIT-221-1/4
0.250
0.125
0.025
21 x 6 IN (3 each color)
FIT-221-3/8
0.375
0.187
0.025
14 x 6 IN (2 each color)
FIT-221-1/2
0.500
0.250
0.025
14 x 6 IN (2 each color)
Applicable Specifications
1) UL
Standard 224 (Except Clear) 600V
2) CSA International
Standard 198 (Except Clear) 600V
3) Other
AMS-DTL-23053/5 Class 1 (Except Clear)
AMS-DTL-23053/5 Class 2 (Clear Only)
Environmental
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with European Directive
2011/65/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC) listed on the European
Union's REACH candidate list in excess of 0.1% mass of the item. For up-to-date information,
please see Alpha's REACH SVHC Declaration.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - FIT-KIT-221C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-KIT-221BK ALPHAWIRE-FIT-KIT-221BK Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
More results

Similar Description - FIT-KIT-221C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XHD1IN ALPHAWIRE-XHD1IN Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-KIT-221BK ALPHAWIRE-FIT-KIT-221BK Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD3 ALPHAWIRE-XHD3 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD5 ALPHAWIRE-XHD5 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-105-MS-1 ALPHAWIRE-FIT-105-MS-1 Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-221-MS-2 ALPHAWIRE-FIT-221-MS-2 Datasheet
226Kb / 3P
   All materials used in the manufacture of this part are in compliance
XFR21 ALPHAWIRE-XFR21 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
XHD2IN ALPHAWIRE-XHD2IN Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
FIT-221-MS-1 ALPHAWIRE-FIT-221-MS-1 Datasheet
185Kb / 3P
   All materials used in the manufacture of this part are in compliance
297 ALPHAWIRE-297 Datasheet
107Kb / 2P
   All materials used in the manufacture of this part are in compliance
XHD11 ALPHAWIRE-XHD11 Datasheet
184Kb / 3P
   All materials used in the manufacture of this part are in compliance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com