Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5532 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5532
Description  300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology LTC5532 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC5532
6
5532i
TYPICAL PERFOR A CE CHARACTERISTICS
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = 0dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(
Ω)(Ω)
0.30
290.45
–136.22
0.50
234.41
–162.54
0.70
178.25
–170.53
0.90
137.31
–159.89
1.10
109.17
–147.57
1.30
86.30
–136.18
1.50
68.65
–121.74
1.70
57.48
–107.60
1.90
49.79
– 96.72
2.10
43.56
– 86.70
2.30
38.67
–77.91
2.50
34.82
–70.13
2.70
31.68
– 62.86
2.90
29.13
– 56.01
3.10
27.17
– 49.83
3.30
25.73
– 44.24
3.50
24.56
– 39.74
3.70
23.18
– 35.35
3.90
22.31
– 30.62
4.10
20.73
–26.88
4.30
19.88
–22.31
4.50
19.40
–18.23
4.70
19.05
–14.25
4.90
19.08
–10.21
5.10
19.55
– 6.30
5.30
20.85
– 2.84
5.50
21.94
–1.49
5.70
20.60
– 0.07
5.90
19.29
2.99
6.10
18.69
6.61
6.30
18.53
10.39
6.50
18.74
14.35
6.70
19.79
17.91
6.90
19.75
20.77
7.00
19.99
22.47
5508 TA03
S11 Forward Reflection
Impedance


Similar Part No. - LTC5532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5532 LINER-LTC5532 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532 Datasheet
151Kb / 12P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5532 LINER-LTC5532 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5532 LINER-LTC5532 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
More results

Similar Description - LTC5532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532_09 Datasheet
282Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
   Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
   Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5535 LINER-LTC5535 Datasheet
237Kb / 12P
   Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
   300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com