Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4055EUF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4055EUF
Description  USB Power Controller and Li-Ion Linear Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055EUF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4055EUF Datasheet HTML 2Page - Linear Technology LTC4055EUF Datasheet HTML 3Page - Linear Technology LTC4055EUF Datasheet HTML 4Page - Linear Technology LTC4055EUF Datasheet HTML 5Page - Linear Technology LTC4055EUF Datasheet HTML 6Page - Linear Technology LTC4055EUF Datasheet HTML 7Page - Linear Technology LTC4055EUF Datasheet HTML 8Page - Linear Technology LTC4055EUF Datasheet HTML 9Page - Linear Technology LTC4055EUF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC4055
4055p
Charging from USB, IBAT vs VBAT
Charging from USB, Low Power,
IBAT vs VBAT
Undervoltage Current Limit,
Charging from VIN, IBAT vs VIN
TYPICAL PERFOR A CE CHARACTERISTICS
VBAT (V)
0
0
100
300
400
500
1
2
2.5
4.5
4055 G13
200
0.5
1.5
3
3.5
4
600
VIN = 5V
VOUT = NO LOAD
RPROG = 100k
RCLPROG = 100k
HPWR = 1
VBAT (V)
0
0
20
60
80
100
1
2
2.5
4.5
4055 G14
40
0.5
1.5
3
3.5
4
VIN = 5V
VOUT = NO LOAD
RPROG = 100k
RCLPROG = 100k
HPWR = 0
VIN (V)
4.260
0.8
1.0
1.2
4.420
4055 G15
0.6
0.4
0
4.300
4.340
4.380
0.2
1.6
1.4
RPROG = 34k
RPROG = 100Ω
RPROG = 100k
HPWR = 0
RPROG = 50k
Ideal Diode Forward Voltage vs
Current and Temperature
Ideal Diode Forward Voltage and
Resistance vs Current
Ideal Diode and Schottky Diode
Forward Voltage vs Current
Charge Current vs Temperature
(Thermal Regulation)
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
4055 G16
0.2
0.8
0.9
0.6
–25
25
100
125
VIN = 5V
VBAT = 3.5V
θJA = 37°C/W
RPROG = 50k
RPROG = 100k
VFWD (mV)
0
600
800
1000
160
4055 G17
400
200
500
700
900
300
100
0
40
20
80
60
120 140
180
100
200
VBAT = 3.5V
VIN = 0V
–50
°C
125
°C
25
°C
0
°C
75
°C
VFWD (mV)
0
600
800
1000
160
4055 G18
400
200
500
700
900
300
100
0
40
20
80
60
120 140
180
100
200
VBAT = 3.5V
VIN = 0V
RFWD
RDIO(ON)
VFWD (mV)
0
0
100
300
400
500
1000
700
100
200 250
450
4055 G19
200
800
900
600
50
150
300 350 400
VBAT = 3.5V
VIN = 0V
SCHOTTKY
Input Connect Waveforms
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
VBAT = 3.5V
IOUT = 100mA
IBAT
0.5A/DIV
1ms/DIV
4055 G20
Input Disconnect Waveforms
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4055 G22
VBAT = 3.5V
IOUT = 100mA


Similar Part No. - LTC4055EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC4055 LINER-LTC4055 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
More results

Similar Description - LTC4055EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com