Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4055 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4055
Description  USB Power Controller and Li-Ion Linear Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4055 Datasheet HTML 3Page - Linear Technology LTC4055 Datasheet HTML 4Page - Linear Technology LTC4055 Datasheet HTML 5Page - Linear Technology LTC4055 Datasheet HTML 6Page - Linear Technology LTC4055 Datasheet HTML 7Page - Linear Technology LTC4055 Datasheet HTML 8Page - Linear Technology LTC4055 Datasheet HTML 9Page - Linear Technology LTC4055 Datasheet HTML 10Page - Linear Technology LTC4055 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC4055
4055p
TYPICAL PERFOR A CE CHARACTERISTICS
SUSPEND
5V/DIV
OUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4055 G23
VBAT = 3.5V
IOUT = 50mA
WALL
5V/DIV
OUT
5V/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4055 G24
VBAT = 3.5V
IOUT = 100mA
RPROG = 57.6k
Response to Suspend
WALL Connect Waveforms
VIN = 0V
WALL Disconnect Waveforms
VIN = 5V
WALL Connect Waveforms
VIN = 5V
WALL Disconnect Waveforms
VIN = 0V
WALL
5V/DIV
OUT
5V/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4055 G25
VBAT = 3.5V
IOUT = 100mA
RPROG = 57.6k
WALL
5V/DIV
IIN
0.5A/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4055 G26
VBAT = 3.5V
IOUT = 100mA
RPROG = 57.6k
WALL
5V/DIV
IIN
0.5A/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4055 G27
VBAT = 3.5V
IOUT = 100mA
RPROG = 57.6k
Response to HPWR
HPWR
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
250
µs/DIV
4055 G21
VBAT = 3.5V
IOUT = 50mA


Similar Part No. - LTC4055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC4055 LINER-LTC4055 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
More results

Similar Description - LTC4055

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com