Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3733 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 2 Page - Linear Technology

  LTC3733 Datasheet HTML 1Page - Linear Technology LTC3733 Datasheet HTML 2Page - Linear Technology LTC3733 Datasheet HTML 3Page - Linear Technology LTC3733 Datasheet HTML 4Page - Linear Technology LTC3733 Datasheet HTML 5Page - Linear Technology LTC3733 Datasheet HTML 6Page - Linear Technology LTC3733 Datasheet HTML 7Page - Linear Technology LTC3733 Datasheet HTML 8Page - Linear Technology LTC3733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC3733/LTC3733-1
3733f
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Topside Driver Voltages (BOOSTN) ............ 38V to –0.3V
Switch Voltage (SWN)................................... 32V to –5V
Boosted Driver Voltage (BOOSTN – SWN) .... 7V to –0.3V
Peak Output Current <1ms (TGN, BGN) ..................... 5A
Supply Voltage (VCC), PGOOD
Pin Voltages ................................................ 7V to –0.3V
PLLIN, RUN, SS,
PLLFLTR, FCB Voltages ............................. VCC to –0.3V
ORDER PART
NUMBER
LTC3733CG
TJMAX = 125°C, θJA = 95°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VID1
RUN
PLLFLTR
FCB
IN+
IN
DIFFOUT
EAIN
SGND
SENSE1+
SENSE1
SENSE2+
SENSE2
SENSE3
SENSE3+
SS
ITH
VID2
VID0
PGOOD
BOOST1
TG1
SW1
BOOST2
TG2
SW2
VCC
BG1
PGND
BG2
BG3
SW3
TG3
BOOST3
VID4
VID3
ITH Voltage ................................................ 2.4V to –0.3V
Operating Ambient Temperature Range ....... 0
°C to 70°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range
LTC3733CG .......................................–65
°C to 150°C
LTC3733CUHF-1 ...............................–65
°C to 125°C
Lead Temperature (LTC3733CG)
(Soldering, 10 sec) ............................................... 300
°C
ORDER PART
NUMBER
LTC3733CUHF-1
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (7mm
× 5mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
PLLFLTR
FCB
IN+
IN
DIFFOUT
EAIN
SGND
SENSE1+
SENSE1
SENSE2+
SENSE2
SENSE3
SW1
BOOST2
TG2
SW2
VCC
DRVCC
BG1
PGND
BG2
BG3
SW3
TG3
23
22
21
20
9
10
11
12
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD IS SGND (PIN 39) MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VRUN = VSS = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VREGULATED
Regulated Voltage at IN+
(Note 3); VID Code = 10011, VITH = 1.2V
1.067
1.075
1.083
V
q
1.064
1.075
1.086
V
VSENSEMAX
Maximum Current Sense Threshold
VEAIN = 0.5V, VITH Open,
65
75
85
mV
VSENSE1, VSENSE2, VSENSE3– = 0.8V, 1.55V
q
62
75
88
mV
IMATCH
Current Match
Worst-Case Error at VSENSE(MAX)
–5
5
%
UHF PART
MARKING
37331


Similar Part No. - LTC3733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
More results

Similar Description - LTC3733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
   3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
International Rectifier
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
   Digital Multi-Phase Buck Controller Dual OCP support for I-spike enhanced AMD CPUs
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
   4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
logo
Linear Technology
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
LTC3719 LINER-LTC3719_15 Datasheet
452Kb / 32P
   2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
logo
Renesas Technology Corp
ISL6267 RENESAS-ISL6267 Datasheet
1Mb / 33P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com