Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2053CDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2053CDD
Description  Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053CDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2053CDD Datasheet HTML 4Page - Linear Technology LTC2053CDD Datasheet HTML 5Page - Linear Technology LTC2053CDD Datasheet HTML 6Page - Linear Technology LTC2053CDD Datasheet HTML 7Page - Linear Technology LTC2053CDD Datasheet HTML 8Page - Linear Technology LTC2053CDD Datasheet HTML 9Page - Linear Technology LTC2053CDD Datasheet HTML 10Page - Linear Technology LTC2053CDD Datasheet HTML 11Page - Linear Technology LTC2053CDD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC2053
10
2053fa
APPLICATIO S I FOR ATIO
charging current decays exponentially during each input
sampling period with a time constant equal to RSCS. If the
voltage disturbance due to these currents settles before
the end of the sampling period, there will be no errors
due to source resistance or the source resistance mis-
match between –IN and +IN. With RS less than 10k, no
DC errors occur due to this input current.
In the Typical Performance Characteristics section of this
data sheet, there are curves showing the additional error
from non-zero source resistance in the inputs. If there are
no large capacitors across the inputs, the amplifier is less
sensitive to source resistance and source resistance mis-
match. When large capacitors are placed across the in-
puts, the input charging currents described above result in
larger DC errors, especially with source resistor mis-
matches.
Power Supply Bypassing
The LTC2053 uses a sampled data technique and therefore
contains some clocked digital circuitry. It is therefore
sensistive to supply bypassing. For single or dual supply
operation, a 0.1
µF ceramic capacitor must be connected
between Pin 8 (V+) and Pin 4 (V) with leads as short as
possible.
+
+
VD
V+IN
VOUT
V–IN
3
8
5V
4
5
6
7
2
+
+
VD
V+IN
VOUT
V–IN
VREF
–5V
3
2053 F01
8
5V
0V < V+IN < 5V
0V < V–IN < 5V
0V < VD < 3.7V
VOUT = VD
–5V < V–IN < 5V AND V–IN – VREF < 5.5V
–5V < V+IN < 5V AND V+IN – VREF < 5.5V
–5V < VD + VREF < 3.7V
SINGLE SUPPLY, UNITY GAIN
DUAL SUPPLY
4
5
6 R2
R1
7
2
VOUT = 1 +
VD + VREF
R2
R1
()
Settling Time
The sampling rate is 3kHz and the input sampling period
during which CS is charged to the input differential voltage
VIN is approximately 150µs. First assume that on each
input sampling period, CS is charged fully to VIN. Since CS
= CH (= 1000pF), a change in the input will settle to N bits
of accuracy at the op amp noninverting input after N clock
cycles or 333
µs(N). The settling time at the OUT pin is also
affected by the settling of the internal op amp. Since the
gain bandwidth of the internal op amp is typically 200kHz,
the settling time is dominated by the switched capacitor
front end for gains below 100 (see Typical Performance
Characteristics).
Input Current
Whenever the differential input VIN changes, CH must be
charged up to the new input voltage via CS. This results in
an input charging current during each input sampling
period. Eventually, CH and CS will reach VIN and, ideally,
the input current would go to zero for DC inputs.
In reality, there are additional parasitic capacitors which
disturb the charge on CS every cycle even if VIN is a DC
voltage. For example, the parasitic bottom plate capacitor
on CS must be charged from the voltage on the REF pin to
the voltage on the –IN pin every cycle. The resulting input
Figure 1


Similar Part No. - LTC2053CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053CDD LINER-LTC2053CDD Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results

Similar Description - LTC2053CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
   5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
logo
Texas Instruments
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com