Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R73RN2470AA30K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R73RN2470AA30K
Description  R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R73RN2470AA30K Datasheet(HTML) 1 Page - Kemet Corporation

  R73RN2470AA30K Datasheet HTML 1Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 2Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 3Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 4Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 5Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 6Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 7Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 8Page - Kemet Corporation R73RN2470AA30K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3037_R73 • 1/20/2016
1
One world. One KEMET
Benefits
• Voltage range: 100 – 2,000 VDC
• Capacitance range: 100 pF – 2.2 µF
• Lead Spacing: 15 – 37.5 mm
• Capacitance tolerance: ±2.5% (for 2-section construction only)
±5%, ±10%
• Climatic category: 55/105/56 IEC 60068-1
• Operatingtemperaturerangeof−55˚Cto+105˚C
• RoHS compliance and lead-free terminations
• Tape and reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive (AEC–Q200) grades available up to lead spacing
22.5mm
Overview
TheR73Seriesisconstructedofpolypropylenefilmandmetalfoil
ormetallizedfilmandmetalfoilwithradialleadsoftinnedwire.
The radial leads are electrically welded to the metal layer on the
ends of the capacitor winding. The capacitor is encapsulated in a
self-extinguishing solvent resistant plastic case with thermosetting
resin material meeting the UL 94V–0 requirements. Two different
winding constructions are used depending on voltage parameters.
Please see the Performance Characteristics for more information.
Automotive grade devices are available (up to lead spacing 22.5
mm) and meet the demanding Automotive Electronics Council's
AEC–Q200qualificationrequirements.
Applications
Typicalapplicationsincludedeflectioncircuitsintelevisions
(flybacktuning),switchingspikessuppressioninswitchedmode
powersupply(SMPS),snubberandsilicon-controlledrectifier
(SCR) commutation circuits, and switching circuits in electronic
ballasts, as well as applications with high voltage and very
high current. Not suitable for across-the-line application (see
Suppressor Capacitors).
Polypropylene Pulse/High Frequency Capacitors
R73 Series Polypropylene Film/Foil, Radial
(Automotive Grade)
Part Number System
R73
E
I
2470
AA
00
H
Series
Rated Voltage (VDC) Lead Spacing (mm)
Capacitance Code
(pF)
Packaging
Internal Use
Capacitance
Tolerance
Polypropylene Film/
Foil
E = 100
G = 160
I = 250
M = 400
P = 630
Q = 1000
R = 1250
T = 1600
U = 2000
I = 15.0
N = 22.5
R = 27.5
W = 37.5
The last three digits
representsignificant
figures.Thefirstdigit
specifiesthetotal
number of zeros to be
added.
See Ordering
Options Table
00, 10, 30, 40
(Standard)
H = ±2.5%
(for 2-section
construction only)
J = ±5%
K = ±10%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R73RN2470AA30K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73RN21004000J KEMET-R73RN21004000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,250 V, 85C, Lead Spacing = 22.5mm
More results

Similar Description - R73RN2470AA30K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73UI02204000J KEMET-R73UI02204000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 220 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI04704000J KEMET-R73UI04704000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 470 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01004000J KEMET-R73UI01004000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 100 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
R73UI01504000J KEMET-R73UI01504000J Datasheet
59Kb / 1P
   R73, Film, Film/Foil Polypropylene, Automotive Grade, 150 pF, 5%, 2000 VDC, 85째C, Lead Spacing = 15mm
PFR5101J63J11L4BULK KEMET-PFR5101J63J11L4BULK Datasheet
396Kb / 12P
   PFR Series Polypropylene Film/Foil, Radial
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73TN2100SE00J KEMET-R73TN2100SE00J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
R73TR24704000J KEMET-R73TR24704000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 0.047 uF, 5%, 1,600 V, 85C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com