Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1931A Datasheet(PDF) 1 Page - Linear Technology

Part # LT1931A
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1931A Datasheet(HTML) 1 Page - Linear Technology

  LT1931A Datasheet HTML 1Page - Linear Technology LT1931A Datasheet HTML 2Page - Linear Technology LT1931A Datasheet HTML 3Page - Linear Technology LT1931A Datasheet HTML 4Page - Linear Technology LT1931A Datasheet HTML 5Page - Linear Technology LT1931A Datasheet HTML 6Page - Linear Technology LT1931A Datasheet HTML 7Page - Linear Technology LT1931A Datasheet HTML 8Page - Linear Technology LT1931A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1931/LT1931A
s
Fixed Frequency 1.2MHz/2.2MHz Operation
s
Very Low Noise: 1mVP-P Output Ripple
s
– 5V at 350mA from 5V Input
s
–12V at 150mA from 5V Input
s
Uses Small Surface Mount Components
s
Wide Input Range: 2.6V to 16V
s
Low Shutdown Current: <1
µA
s
Low VCESAT Switch: 400mV at 1A
s
Low Profile (1mm) ThinSOT
TM Package
s
Pin-for-Pin Compatible with the LT1611
The LT
®1931/LT1931A are the industry’s highest power
inverting SOT-23 current mode DC/DC converters. Both
parts include a 1A integrated switch allowing high current
outputs to be generated in a small footprint. The LT1931
switches at 1.2MHz while the LT1931A switches at 2.2MHz.
These high speeds enable the use of tiny, low cost
capacitors and inductors 2mm or less in height. The
LT1931 is capable of generating – 5V at 350mA or –12V
at 150mA from a 5V supply, while the LT1931A can
generate –5V at 300mA using significantly smaller induc-
tors. Both parts are easy pin-for-pin upgrades for higher
power LT1611 applications.
The LT1931/LT1931A operate in a dual inductor inverting
topology that filters both the input side and output side
current. Very low output voltage ripple approaching 1mVP-P
can be achieved when ceramic output capacitors are used.
Fixed frequency switching ensures a clean output free
from low frequency noise typically present with charge
pump solutions. The low impedance output remains within
1% of nominal during large load steps. The 36V switch
allows VIN to VOUT differential of up to 34V.
The LT1931/LT1931A are available in the 5-lead ThinSOT
package.
s
Disk Drive MR Head Bias
s
Digital Camera CCD Bias
s
LCD Bias
s
GaAs FET Bias
s
Local Low Noise/Low Impedance Negative Supply
1.2MHz/2.2MHz Inverting
DC/DC Converters in ThinSOT
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. 5V to –5V, 350mA Inverting DC/DC Converter
VIN
VIN
5V
VOUT
–5V
350mA
1931 F01
SW
L1A
10
µH
L1B
10
µH
D1
GND
LT1931
C1: TAIYO YUDEN X5R JMK212BJ475MG
C2: TAIYO YUDEN X5R LMK212BJ105MG
C3: TAIYO YUDEN X5R JMK325BJ226MM
D1: ON SEMICONDUCTOR MBR0520
L1: SUMIDA CLS62-100
C1
4.7
µF
C3
22
µF
C2
1
µF
R2
10k
R1
29.4k
C4
220pF
NFB
SHDN
LOAD CURRENT (mA)
0
50
55
65
70
75
100
85
100
200
250
1931 TA01
60
90
95
80
50
150
300
350
Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT1931A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931A LINER-LT1931A Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1931A LINER-LT1931A Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results

Similar Description - LT1931A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com