Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDR2533 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LDR2533
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR2533 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LDR2533 Datasheet HTML 2Page - STMicroelectronics LDR2533 Datasheet HTML 3Page - STMicroelectronics LDR2533 Datasheet HTML 4Page - STMicroelectronics LDR2533 Datasheet HTML 5Page - STMicroelectronics LDR2533 Datasheet HTML 6Page - STMicroelectronics LDR2533 Datasheet HTML 7Page - STMicroelectronics LDR2533 Datasheet HTML 8Page - STMicroelectronics LDR2533 Datasheet HTML 9Page - STMicroelectronics LDR2533 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LDRxxyy
6/13
Figure 16: Supply Voltage Rejection vs (VO1)
Temperature
Figure 17: Supply Voltage Rejection vs (VO2)
Temperature
Figure 18: Supply Voltage Rejection (VO1) vs
Frequency
Figure 19: Supply Voltage Rejection (VO2) vs
Frequency
Figure 20: Maximum Total Quiescent Current vs
Temperature
Figure 21: Total Supply Current vs Temperature


Similar Part No. - LDR2533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDR2533 STMICROELECTRONICS-LDR2533 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDR2533PT-R STMICROELECTRONICS-LDR2533PT-R Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
More results

Similar Description - LDR2533

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
   Multifunction very low drop voltage regulator
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
November 2009 Rev 1
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
LDFM STMICROELECTRONICS-LDFM Datasheet
1Mb / 36P
   500 mA very low drop voltage regulator
September 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com