Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56W_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAW56W_R2_00001
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAW56W_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAW56W_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAW56W_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAW56W_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAW56W_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAW56W_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
August 24,2015-REV.04
BAW56W,BAV70W,BAV99W,BAL99W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100Volt
200mWatt
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICALDATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0002 ounces, 0.005 grams
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω
3. Mountde on minimum pad.
4. Mounted on 48 cm
2
PCB.
SINGLE (Alt)
COMMON CATHODE
SERIES
COMMON ANODE
PA RA M E TE R
S YM B OL
B AW 56W
B AV 70W
B AV 99W
B A L99W
UNITS
Ma r k i ng C ode
JC
JA
JB
JF
Re ve r s e Vo ltag e
V R
75
V
P eak Re ve r s e Vo lta g e
V RM
100
V
Re c ti fi e d C urre nt (A ve ra g e ), Ha lf Wa ve Re c ti fi c a t i o n wi th
Re si s t i ve Loa d and f > = 5 0 Hz
IO
150
mA
P eak F o r war d S ur ge C ur re nt, 0.001 ms
IFSM
4. 0
A
P o we r D i ss i pati o n D e r a t e A bove 2 5OC
P TOT
20 0
mW
Ma xi mum F o r war d Vo ltage
V F
0.71 5 @ IF = 0 .001 A
0 .855 @ IF = 0 . 01A
1. 0 @ IF = 0 .05A
1.25 @ IF = 0 .15A
V
Ma xi mum D C Re ve r s e C ur r e nt a t 2 5 V
7 5 V
IR
0.03
2. 5
μA
Ma xi mum J unc ti o n C a p a c i t a nc e ( No t e s 1 )
C J
1.5
pF
Ma xi mum Re ve r s e Re c o ve r y Ti me ( No te s 2 )
TRR
4. 0
ns
Typi cal Ther m a l Re s i s ta nce, Junc ti on t o A m bi ent( No te s 3)
J unc ti o n to C a s e ( No t e s 4)
R
θJA
R
θJC
62 5
25 0
OC / W
J unc ti o n Te mp e r a tur e Ra ng e
TJ
-5 5 to + 1 5 0
OC
Ci rc ui t F i g ur e
Co mm o n
Ano d e
Co m mo n
C a thode
Se r i e s
Si ng le ( A lt)
1
2
1
2
1
2
1
2
3
3
3
3


Similar Part No. - BAW56W_R2_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW56W-7 DIODES-BAW56W-7 Datasheet
64Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 3 - 2
BAW56W-7 DIODES-BAW56W-7 Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
BAW56W-7-F DIODES-BAW56W-7-F Datasheet
84Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 8 - 2
BAW56W-7-F DIODES-BAW56W-7-F Datasheet
124Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30064 Rev. 11 - 2
BAW56W-7-F DIODES-BAW56W-7-F Datasheet
85Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAW56W_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com