Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2791 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2791
Description  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2791 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2791 Datasheet HTML 1Page - National Semiconductor (TI) LM2791 Datasheet HTML 2Page - National Semiconductor (TI) LM2791 Datasheet HTML 3Page - National Semiconductor (TI) LM2791 Datasheet HTML 4Page - National Semiconductor (TI) LM2791 Datasheet HTML 5Page - National Semiconductor (TI) LM2791 Datasheet HTML 6Page - National Semiconductor (TI) LM2791 Datasheet HTML 7Page - National Semiconductor (TI) LM2791 Datasheet HTML 8Page - National Semiconductor (TI) LM2791 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Description
Pin
Name
Function
1
BRGT
Variable voltage input controls output current.
2P
OUT
Charge pump output.
3
C1−
Connect this pin to the negative terminal of C1.
4
C1+
Connect this pin to the positive terminal of C1.
5
D2
Current source outputs. Connect directly to LED.
6
D1
Current source outputs. Connect directly to LED.
7
GND
Power supply ground input.
8V
IN
Power supply voltage input.
9
SD/SD
Shutdown input. Device operation is inhibited when pin is asserted.
10
I
SET
Current Sense Input. Connect resistor to ground to set constant current through LED.
Block Diagram
20018302
www.national.com
3


Similar Part No. - LM2791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L TI1-LM2791LD-L Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L/NOPB TI1-LM2791LD-L/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

Similar Description - LM2791

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com