Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2657 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2657 Datasheet HTML 1Page - National Semiconductor (TI) LM2657 Datasheet HTML 2Page - National Semiconductor (TI) LM2657 Datasheet HTML 3Page - National Semiconductor (TI) LM2657 Datasheet HTML 4Page - National Semiconductor (TI) LM2657 Datasheet HTML 5Page - National Semiconductor (TI) LM2657 Datasheet HTML 6Page - National Semiconductor (TI) LM2657 Datasheet HTML 7Page - National Semiconductor (TI) LM2657 Datasheet HTML 8Page - National Semiconductor (TI) LM2657 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltages from the indicated pins to GND unless otherwise
indicated (Note 2):
VIN
-0.3V to 30V
V5
-0.3V to 7V
VDD
-0.3V to 7V
BOOT1, BOOT2
-0.3V to 36V
BOOT1 to SW1, BOOT2 to
SW2
-0.3V to 7V
SW1, SW2
-0.3V to 30V
ILIM1, ILIM2
-0.3V to 30V
SENSE1, SENSE2, FB1, FB2
-0.3V to 7V
PGOOD
-0.3V to 7V
EN
-0.3V to 7V
Junction Temperature
+150˚C
ESD Rating (Note 3)
2kV
Ambient Storage Temperature
Range
-65˚C to +150˚C
Soldering Dwell Time,
Temperature
Wave
Infrared
Vapor Phase
4 sec, 260˚C
10 sec, 240˚C
75 sec, 219˚C
Operating Ratings (Note 1)
VIN
4.5V to 28V
VDD, V5
4.5V to 5.5V
Junction Temperature
-40˚C to +125˚C
Electrical Characteristics
Specifications with standard typeface are for T
J = 25˚C, and those with boldface apply over full
Operating Junction Temperature range. VDD = V5 = 5V, V
SGND =VPGND = 0V, VIN = 15V, VEN = 3V, RFADJ = 22.1k
Ω un-
less otherwise stated (Note 4). Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typical
(Note
5)
Max
Units
Reference
V
FB
FB Pin Voltage at
Regualtion (either FB Pin)
VDD = 4.5V to 5.5V,
VIN = 4.5V to 28V
591
600
609
mV
V
FB_LINE REG
V
FB Line Regulation (
∆V
FB)
VDD = 4.5V to 5.5V,
VIN = 4.5V to 28V
0.5
I
FB
FB Pin Current (sourcing)
V
FB at regulation
20
100
nA
Chip Supply
I
Q_VIN
VIN Quiescent Current
V
FB1 =VFB2 = 0.7V
100
200
µA
I
SD_VIN
VIN Shutdown Current
V
EN =0V
0
5
µA
I
Q_VDD
VDD Quiescent Current
V
FB1 =VFB2 = 0.7V
2.5
4
mA
I
SD_VDD
VDD Shutdown Current
V
EN =0V
6
15
µA
I
Q_V5
V5 Normal Operating
Current
V
FB1 =VFB2 = 0.7V
0.3
0.5
mA
V
FB1 =VFB2 = 0.5V
1
1.5
I
SD_V5
V5 Shutdown Current
V
EN =0V
0
5
µA
I
Q_BOOT
BOOT Quiescent Current
V
FB1 =VFB2 = 0.7V
2
5
µA
V
FB1 =VFB2 = 0.5V
300
500
I
SD_BOOT
BOOT Shutdown Current
V
EN =0V
1
5
µA
V
DD_UVLO
VDD UVLO Threshold
VDD rising up to V
UVLO
3.9
4.2
4.5
V
VDD UVLO Hysteresis
VDD = V5 falling from V
UVLO
0.5
0.7
0.9
V
V
IN_UVLO
VIN UVLO Threshold
VIN rising up to V
UVLO
3.9
4.2
4.5
V
VIN UVLO Hysteresis
VIN falling from V
UVLO
0.1
0.3
V
Logic
I
EN
EN Input Current
V
EN =0to5V
0
µA
V
EN_HI
Minimum EN Input Logic
High
2
V
V
EN_LO
Maximum EN Input Logic
Low
0.8
V
R
FPWM
FPWM Pull-down
V
FPWM =2V
100
200
1000
k
www.national.com
5


Similar Part No. - LM2657

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2657 TI-LM2657 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
LM2657MTC/NOPB TI-LM2657MTC/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
LM2657MTCX/NOPB TI-LM2657MTCX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
More results

Similar Description - LM2657

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
LM2647 TI-LM2647_15 Datasheet
3Mb / 42P
[Old version datasheet]   LM2647 Dual Synchronous Buck Regulator Controller
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com