Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5550BP14A0800 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 5550BP14A0800
Description  High Frequency Ceramic Solutions"||" "943794
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

5550BP14A0800 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  5550BP14A0800 Datasheet HTML 1Page - Johanson Technology Inc. 5550BP14A0800 Datasheet HTML 2Page - Johanson Technology Inc. 5550BP14A0800 Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5GHz EIA 0603 Low Profile Band Pass Filter
P/N 5550BP14A0800
Detail Specification:
Page 2 of 3
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
`
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2017 Johanson Technology, Inc. All Rights Reserved
"High Frequency Ceramic Solutions"
5/10/2017
Typical Electrical Performance (T=25°C)
Measuring Diagram
Ver. 1.2
Network
Analyzer
Port 1
Port 2
(50
Ω)
(50
Ω)
GND
I/O
I/O
2.5
4.5
6.5
8.5
10.5
0.5
12.5
-50
-40
-30
-20
-10
-60
0
freq, GHz


Similar Part No. - 5550BP14A0800

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
5550 SEMTECH-5550 Datasheet
95Kb / 2P
   HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
5550 KEMET-5550 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
3M Electronics
5550 3M-5550 Datasheet
52Kb / 4P
   Cold Shrink] Rubber Splicing Kits
1996
logo
List of Unclassifed Man...
5550-2 ETC2-5550-2 Datasheet
523Kb / 1P
   Adjustin screwdrivewri th
5550-3 ETC2-5550-3 Datasheet
523Kb / 1P
   Adjustin screwdrivewri th
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com