Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1208U0B Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9F1208U0B
Description  64M x 8 Bit NAND Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208U0B Datasheet(HTML) 1 Page - Samsung semiconductor

  K9F1208U0B Datasheet HTML 1Page - Samsung semiconductor K9F1208U0B Datasheet HTML 2Page - Samsung semiconductor K9F1208U0B Datasheet HTML 3Page - Samsung semiconductor K9F1208U0B Datasheet HTML 4Page - Samsung semiconductor K9F1208U0B Datasheet HTML 5Page - Samsung semiconductor K9F1208U0B Datasheet HTML 6Page - Samsung semiconductor K9F1208U0B Datasheet HTML 7Page - Samsung semiconductor K9F1208U0B Datasheet HTML 8Page - Samsung semiconductor K9F1208U0B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
FLASH MEMORY
1
K9F1208B0B
K9F1208U0B
K9F1208R0B
Preliminary
Document Title
64M x 8 Bit NAND Flash Memory
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.0
0.1
Remark
Advance
Preliminary
History
Initial issue.
1. Note 1 ( Program/Erase Characteristics) is added( page 14 )
2. NAND Flash Technical Notes is changed.
-Invalid block -> initial invalid block ( page 16 )
-Error in write or read operation ( page 17 )
-Program Flow Chart ( page 17 )
3. Vcc range is changed
-2.4V~2.9V -> 2.5V~2.9V
-1.7V~1.95V ->1.65V~1.95V
4. Multi plane operation and Copy-Back Program are not supported with 1.8V
device.
Draft Date
Apr. 24th 2004
Oct. 11th.2004
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.samsung.com/Products/Semiconductor/Flash/TechnicalInfo/datasheets.htm


Similar Part No. - K9F1208U0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208U0B SAMSUNG-K9F1208U0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0B-D SAMSUNG-K9F1208U0B-D Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0B-V SAMSUNG-K9F1208U0B-V Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0B-Y SAMSUNG-K9F1208U0B-Y Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F1208U0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com