Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99BRW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAV99BRW
Description  QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV99BRW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAV99BRW_16 Datasheet HTML 1Page - Pan Jit International Inc. BAV99BRW_16 Datasheet HTML 2Page - Pan Jit International Inc. BAV99BRW_16 Datasheet HTML 3Page - Pan Jit International Inc. BAV99BRW_16 Datasheet HTML 4Page - Pan Jit International Inc. BAV99BRW_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 26,2016­REV.05
BAV99BRW
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
FEATURES
• Fast Switching Speed
• Ultra-Small Surface Mount Package
• For General Purpose Switching Applications
• High Conductance
• Easily Connected As Full-Wave Bridge
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : SOT-363, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.0002 ounces, 0.006 grams
• Marking : PW
MAXIMUM RATINGS (TA=25oC unless otherwise specified)
Notes : 1.Device mounted on FR-4 PC board with recommended pad layout
2.Short duration test pulse used to minimize self-heating effect
3.No Purposefully added lead
PARAMETER
SYMBOL
VALUE
UNIT
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)53
V
Forward Continuous Current (Note 1)
I FM
300
mA
Average Rectified Output Current (Note 1)
I O
215
mA
Non-Repetitive Peak Forward Surge Current
@ t=1
μs
@ t=1s
I FSM
4
0.7
A
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RΘJA
625
oC/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
oC


Similar Part No. - BAV99BRW_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99BRW DIODES-BAV99BRW_1 Datasheet
361Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30155 Rev. 8 - 2
logo
Micro Commercial Compon...
BAV99BRW MCC-BAV99BRW_13 Datasheet
281Kb / 3P
   200mW 75Volt Plastic-Encapsulate Diode
BAV99BRW MCC-BAV99BRW_14 Datasheet
332Kb / 3P
   200mW 75Volt Plastic-Encapsulate Diode
logo
SeCoS Halbleitertechnol...
BAV99BRW SECOS-BAV99BRW_15 Datasheet
794Kb / 2P
   Surface Mount Switching Diode Array
logo
SHENZHEN YONGERJIA INDU...
BAV99BRW WINNERJOIN-BAV99BRW_15 Datasheet
113Kb / 2P
   SWITCHING DIODE
More results

Similar Description - BAV99BRW_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
BAW567DW DIODES-BAW567DW_1 Datasheet
355Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30147 Rev. 8 - 2
BAV99BRW DIODES-BAV99BRW Datasheet
61Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30155 Rev. C-1
BAV756DW DIODES-BAV756DW Datasheet
53Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. B-1
logo
Guangdong Kexin Industr...
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAW567DW DIODES-BAW567DW_15 Datasheet
125Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
BAV70DW DIODES-BAV70DW_1 Datasheet
355Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
BAV756DW DIODES-BAV756DW_1 Datasheet
353Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. 7 - 2
logo
Guangdong Kexin Industr...
KAV70DW KEXIN-KAV70DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
KAV99DW KEXIN-KAV99DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com