Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1208R0B Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9F1208R0B
Description  64M x 8 Bit NAND Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208R0B Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9F1208R0B Datasheet HTML 7Page - Samsung semiconductor K9F1208R0B Datasheet HTML 8Page - Samsung semiconductor K9F1208R0B Datasheet HTML 9Page - Samsung semiconductor K9F1208R0B Datasheet HTML 10Page - Samsung semiconductor K9F1208R0B Datasheet HTML 11Page - Samsung semiconductor K9F1208R0B Datasheet HTML 12Page - Samsung semiconductor K9F1208R0B Datasheet HTML 13Page - Samsung semiconductor K9F1208R0B Datasheet HTML 14Page - Samsung semiconductor K9F1208R0B Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
FLASH MEMORY
11
K9F1208B0B
K9F1208U0B
K9F1208R0B
Preliminary
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9F1208X0B-XCB0
:TA=0 to 70°C, K9F1208X0B-XIB0:TA=-40 to 85°C)
Parameter
Symbol
K9F1208R0B(1.8V)
K9F1208B0B(2.7V)
K9F1208U0B(3.3V)
Unit
Min
Typ.
Max
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.65
1.8
1.95
2.5
2.7
2.9
2.7
3.3
3.6
V
Supply Voltage
VCCQ
1.65
1.8
1.95
2.5
2.7
2.9
2.7
3.3
3.6
V
Supply Voltage
VSS
00
0
0
0
0
0
0
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
1.8V DEVICE
3.3V/2.7V DEVICE
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 2.45
-0.6 to + 4.6
V
VCC
-0.2 to + 2.45
-0.6 to + 4.6
VCCQ
-0.2 to + 2.45
-0.6 to + 4.6
Temperature Under Bias
K9F1208X0B-XCB0
TBIAS
-10 to +125
°C
K9F1208X0B-XIB0
-40 to +125
Storage Temperature
K9F1208X0B-XCB0
TSTG
-65 to +150
°C
K9F1208X0B-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9F1208R0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208R0C SAMSUNG-K9F1208R0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9F1208R0C-J SAMSUNG-K9F1208R0C-J Datasheet
685Kb / 38P
   FLASH MEMORY
More results

Similar Description - K9F1208R0B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com