Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P561QE103M500A Datasheet(PDF) 3 Page - Kemet Corporation

Part # P561QE103M500A
Description  PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P561QE103M500A Datasheet(HTML) 3 Page - Kemet Corporation

  P561QE103M500A Datasheet HTML 1Page - Kemet Corporation P561QE103M500A Datasheet HTML 2Page - Kemet Corporation P561QE103M500A Datasheet HTML 3Page - Kemet Corporation P561QE103M500A Datasheet HTML 4Page - Kemet Corporation P561QE103M500A Datasheet HTML 5Page - Kemet Corporation P561QE103M500A Datasheet HTML 6Page - Kemet Corporation P561QE103M500A Datasheet HTML 7Page - Kemet Corporation P561QE103M500A Datasheet HTML 8Page - Kemet Corporation P561QE103M500A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3070_PME261 • 9/23/2016
3
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PME261 Series Metallized Impregnated Paper, 10.2 – 25.4 mm Lead Spacing, 400 – 1,000 VDC
Ordering Options Table cont'd
Dimensions – Millimeters
L
B
FRONT VIEW
SIDE VIEW
H
LL
p
d
Size Code
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
HE
10.2
+/-0.4
3.9
Maximum
7.5
Maximum
13.5
Maximum
0.6
+/-0.05
HL
10.2
+/-0.4
5.1
Maximum
10.5
Maximum
13.5
Maximum
0.6
+/-0.05
QE
15.2
+/-0.4
5.2
Maximum
10.5
Maximum
18.5
Maximum
0.8
+/-0.05
QM
15.2
+/-0.4
7.3
Maximum
13.0
Maximum
18.5
Maximum
0.8
+/-0.05
QP
15.2
+/-0.4
7.8
Maximum
13.5
Maximum
18.5
Maximum
0.8
+/-0.05
CE
20.3
+/-0.4
7.6
Maximum
14.0
Maximum
24.0
Maximum
0.8
+/-0.05
CG
20.3
+/-0.4
8.4
Maximum
14.0
Maximum
24.0
Maximum
0.8
+/-0.05
CJ
20.3
+/-0.4
9.0
Maximum
15.0
Maximum
24.0
Maximum
0.8
+/-0.05
CP
20.3
+/-0.4
11.3
Maximum
16.5
Maximum
24.0
Maximum
0.8
+/-0.05
EH
25.4
+/-0.4
10.6
Maximum
17.3
Maximum
30.5
Maximum
1
+/-0.05
EL
25.4
+/-0.4
15.3
Maximum
22.0
Maximum
30.5
Maximum
1
+/-0.05
Note: See Ordering Options Table for lead length (LL) options.
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead
Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
25.4
Standard Lead and Packaging
Options
Bulk (Tray) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30


Similar Part No. - P561QE103M500A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-006-SLI TRIPPLITE-P561-006-SLI Datasheet
169Kb / 2P
   DVI Single Link Cable, Digital and Analog TMDS Monitor Cable (DVI-I M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
   DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
More results

Similar Description - P561QE103M500A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME261KA5220KR19T0 KEMET-PME261KA5220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 400 VDC, 85C, Lead Spacing = 10.2mm
PME261KE6680KR30 KEMET-PME261KE6680KR30 Datasheet
55Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.68 uF, 10%, 400 VDC, 85C, Lead Spacing = 25.4mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KE7100KR30 KEMET-PME261KE7100KR30 Datasheet
54Kb / 1P
   Capacitor, Film, Metallized Paper, 1 uF, /-10% Tol, -40/100C, General Purpose, 400 VDC@85C, Lead Spacing=25.4 mm
PME261JC6100KR30 KEMET-PME261JC6100KR30 Datasheet
53Kb / 1P
   PME261/P561, Film, Metallized Paper, Commercial Grade, 0.1 uF, 10%, 1,000 V, 85C, Lead Spacing = 20.3mm
PME261JB5220KR30 KEMET-PME261JB5220KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.022 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
PME261JB5100KR30 KEMET-PME261JB5100KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.01 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com