Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME261EE5100MR30 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PME261EE5100MR30
Description  PME261 Series Metallized Impregnated Paper, 10.2-25.4 mm Lead Spacing, 400 - 1,000 VDC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME261EE5100MR30 Datasheet(HTML) 4 Page - Kemet Corporation

  PME261EE5100MR30 Datasheet HTML 1Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 2Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 3Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 4Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 5Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 6Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 7Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 8Page - Kemet Corporation PME261EE5100MR30 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3070_PME261 • 9/23/2016
4
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PME261 Series Metallized Impregnated Paper, 10.2 – 25.4 mm Lead Spacing, 400 – 1,000 VDC
Performance Characteristics
Rated Voltage V
R (VDC)
400
630
1000
Rated Voltage V
R (VAC)
220
300
500
Capacitance Range (µF)
0.0082 – 1.0
0.001 – 0.15
0.001 – 0.1
Capacitance Tolerance
±10%, ±20%, ±5% on request
Temperature Range
-40to+70°C
-40to+100°C
Climatic Category
40/070/56
DissipationFactortanδ
MaximumValuesat+23°C
1 kHz
1.3%
Insulation Resistance
Measuredat+20°C,AccordingtoIEC60384–2
Minimum Values Between Terminals
C≤0.33µF
≥12,000MΩ
C > 0.33 µF
≥4,000MΩ•µF
PME261Kmeasuredat100VDCafter60seconds,+23°C
PME261EandJmeasuredat500VDCafter60seconds,+23°C
Environmental Test Data
Test
IEC Publication
Procedure
Vibration
IEC 60068–2–6 Test Fc
3 directions at 2 hours each 10 – 55 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068–2–29 Test Eb
4,000 bumps at 390 m/s2
Solderability
IEC 60068–2–20 Test Ta
Solder globule method
Wetting time
ford≤0.8<1second
ford>0.8<1.5seconds
Passive Flammability
IEC 60695–2–2
Damp Heat Steady State
IEC 60068-2-3 Test Ca
+40°Cand90–95%RH,56days
Environmental Compliance
All KEMET Metallized Impregnated Paper capacitors are RoHS Compliant.


Similar Part No. - PME261EE5100MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME261E ETC2-PME261E Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Kemet Corporation
PME261EA4220KR19T0 KEMET-PME261EA4220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 2200 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA4680KR19T0 KEMET-PME261EA4680KR19T0 Datasheet
62Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 6800 pF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EA5100KR19T0 KEMET-PME261EA5100KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.01 uF, 10%, 630 VDC, 85C, Lead Spacing = 10.2mm
PME261EB5220KR30 KEMET-PME261EB5220KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 630 VDC, 85C, Lead Spacing = 15.2mm
More results

Similar Description - PME261EE5100MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
PME261KA5220KR19T0 KEMET-PME261KA5220KR19T0 Datasheet
61Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.022 uF, 10%, 400 VDC, 85C, Lead Spacing = 10.2mm
PME261KE6680KR30 KEMET-PME261KE6680KR30 Datasheet
55Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.68 uF, 10%, 400 VDC, 85C, Lead Spacing = 25.4mm
PME261KB5470KR30 KEMET-PME261KB5470KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.047 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5330KR30 KEMET-PME261KB5330KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.033 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KB5680KR30 KEMET-PME261KB5680KR30 Datasheet
56Kb / 1P
   PME261/P561, Film, Metallized Paper, General Purpose, 0.068 uF, 10%, 400 VDC, 85C, Lead Spacing = 15.2mm
PME261KE7100KR30 KEMET-PME261KE7100KR30 Datasheet
54Kb / 1P
   Capacitor, Film, Metallized Paper, 1 uF, /-10% Tol, -40/100C, General Purpose, 400 VDC@85C, Lead Spacing=25.4 mm
PME261JC6100KR30 KEMET-PME261JC6100KR30 Datasheet
53Kb / 1P
   PME261/P561, Film, Metallized Paper, Commercial Grade, 0.1 uF, 10%, 1,000 V, 85C, Lead Spacing = 20.3mm
PME261JB5220KR30 KEMET-PME261JB5220KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.022 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
PME261JB5100KR30 KEMET-PME261JB5100KR30 Datasheet
53Kb / 1P
   Film, Metallized Paper, Commercial Grade, PME261/P561, 0.01 uF, 10%, 1,000 V, 85C, Lead Spacing = 15.2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com