Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB320 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SB320
Description  3.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB320 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SB320 Datasheet HTML 1Page - Nanjing International Group Co SB320 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
DO-27
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Operating
Storage Temperature Range TSTG
Temperature Range Tj
3.0
80
0.5
30
20
-65
+125
-65
+150
-65
+150
V
V
A
A
V
mA
mA
pF
C
C
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
S
B320 THRU SB3200
VOLTAGE RANGE
20 to 200 Volts
CURRENT
3.0 Ampere
UNITS
V
Typical Thermal Resistance RqJA (Note 2)
/W
250
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.04
3(1.1)
DIA.
.220(5.6)
.197(5.0)
DIA.
S
B320
S
B330
S
B340
S
B360 SB380 SB3100 SB3150
S
B3200
20
30
40
60
80
100
150
200
20
30
40
60
80
100
150
200
14
21
28
42
56
70
105
140
0.55
0.70
0.85
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - SB320

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB320 DIOTEC-SB320 Datasheet
92Kb / 2P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB320 PANJIT-SB320 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
   MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SB320 FAIRCHILD-SB320 Datasheet
45Kb / 3P
   Schottky Rectifiers
logo
Guangdong Kexin Industr...
SB320 KEXIN-SB320 Datasheet
776Kb / 2P
   Schottky Diodes
More results

Similar Description - SB320

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360-3A-DO-27 DGNJDZ-SR360-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
1N5820U DYELEC-1N5820U Datasheet
708Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com