Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGPS40B120U Datasheet(PDF) 9 Page - International Rectifier

Part # IRGPS40B120U
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPS40B120U Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGPS40B120U Datasheet HTML 2Page - International Rectifier IRGPS40B120U Datasheet HTML 3Page - International Rectifier IRGPS40B120U Datasheet HTML 4Page - International Rectifier IRGPS40B120U Datasheet HTML 5Page - International Rectifier IRGPS40B120U Datasheet HTML 6Page - International Rectifier IRGPS40B120U Datasheet HTML 7Page - International Rectifier IRGPS40B120U Datasheet HTML 8Page - International Rectifier IRGPS40B120U Datasheet HTML 9Page - International Rectifier IRGPS40B120U Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRGPS40B120U
www.irf.com
9
Fig. WF.3 - Typ. S.C. Waveform
@ TC=150°C using Fig. CT.3
0
100
200
300
400
500
600
700
800
900
1000
-5.00
0.00
5.00
10.00
15.00
time (µS)
0
50
100
150
200
250
300
350
400
450
500
VCE
ICE
Fig. WF.2 - Typ. Turn-on Loss Waveform
@ Tj=125C using Fig. CT.4
-100
0
100
200
300
400
500
600
700
800
900
4.10
4.20
4.30
4.40
4.50
4.60
Time (µs)
-10
0
10
20
30
40
50
60
70
80
90
TEST CURRENT
90% test current
5% V
CE
10% test current
Fig. WF.1 - Typ. Turn-off Loss Waveform
@ Tj=125°C using Fig. CT.4
-100
0
100
200
300
400
500
600
700
800
900
1000
1100
-0.20
0.00
0.20
0.40
0.60
0.80
Time(µs)
-10
0
10
20
30
40
50
90% I
CE
5% V
CE
5% I
CE
Eoff Loss
tf


Similar Part No. - IRGPS40B120U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPS40B120UD IRF-IRGPS40B120UD Datasheet
134Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS40B120UDP IRF-IRGPS40B120UDP Datasheet
132Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS40B120UDP IRF-IRGPS40B120UDP Datasheet
137Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS40B120UDP IRF-IRGPS40B120UDP_15 Datasheet
137Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS40B120UP IRF-IRGPS40B120UP Datasheet
111Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRGPS40B120U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com