Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM6220CA Datasheet(PDF) 10 Page - Intersil Corporation

Part # IPM6220CA
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IPM6220CA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button IPM6220CA Datasheet HTML 6Page - Intersil Corporation IPM6220CA Datasheet HTML 7Page - Intersil Corporation IPM6220CA Datasheet HTML 8Page - Intersil Corporation IPM6220CA Datasheet HTML 9Page - Intersil Corporation IPM6220CA Datasheet HTML 10Page - Intersil Corporation IPM6220CA Datasheet HTML 11Page - Intersil Corporation IPM6220CA Datasheet HTML 12Page - Intersil Corporation IPM6220CA Datasheet HTML 13Page - Intersil Corporation IPM6220CA Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
loop is operating open circuit and the output voltage varies
with the output load resistance, Ro, as given by:
Where Vin is the 5V Main voltage, Dmax = 0.33, L is the
value of the boost inductor, L3, and F = 100kHz. This
provides automatic output current limiting. When the
maximum duty cycle has been reached and for a given
inductor, a further reduction in Ro by one-half will pull the
output voltage down to 0.707 of nominal and cause an
under-voltage condition.
The 12V converter starts to operate at the same time as the
5V Main converter. The rising voltage on the 5V Main output
and the 33% duty cycle limit provides a similar soft-start, as
the 5V Main, for the 12V output.
3V ALWAYS, 5V ALWAYS Linear
Regulators
The 3.3V ALWAYS and 5V ALWAYS outputs are derived
from the battery voltage and are the first voltages available
in the notebook when power on is initiated. The 5V ALWAYS
output is generated directly from the battery voltage by a
linear regulator. It is used to power the system micro-
controller and to internally power the chip and the gate
drivers. The 3.3V ALWAYS output is generated from the 5V
ALWAYS output and may be used to power the keyboard
controller or other peripherals. The combined current
capability of these outputs is 50mA. When the 5V Main
output is greater than it’s undervoltage level, it is switched to
the 5V ALWAYS output via an internal 1.3
MOSFET
switch. Simultaneously, the 5V ALWAYS linear regulator is
disabled to prevent excessive power dissipation.
The rise time of the 5V ALWAYS is determined by the value
of the output capacitance on the 5V and 3.3V ALWAYS
outputs. The internal regulator is current limited to about
180mA, so the start up time is approximately:
Where COUT is the sum of the capacitances on the 5V and
3.3V ALWAYS outputs.
Power Good Status
The IPM6220 monitors all the output voltages except for the
3.3V ALWAYS. A single power-good signal, PGOOD, is
issued when soft-start is completed and all monitored
outputs are within 10% of their respective set points. After
the soft-start sequence is completed, undervoltage
protection latches the chip off when any of the monitored
outputs drop below 75% of its set point.
A ‘soft-crowbar’ function is implemented for an overvoltage
on the 3.3V Main or 5V Main outputs. If the output voltage
goes above 115% of their nominal output level, the upper
MOSFET is turned off and the lower MOSFET is turned on.
This ‘soft-crowbar’ condition will be maintained until the
output voltage returns to the regulation window and then
normal operation will continue.
This ‘soft-crowbar’ and monitoring of the output, prevents the
output voltage from ringing negative as the inductor current
flows in the ‘reverse’ direction through the lower MOSFET
and output capacitors.
Over-Temperature Protection
The IC incorporates an over-temperature protection circuit
that shuts all the outputs down when the die temperature
exceeds 150oC. Normal operation is automatically restored
when the die temperature cools to 125oC.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general, the output capacitors should be
selected to meet the dynamic regulation requirements
including ripple voltage and load transients.
3.3V Main and 5V Main PWM Output Capacitors
Selection of the output capacitors is also dependent on the
output inductor so some inductor analysis is required to
select the output capacitors.
One of the parameters limiting the converter’s response to a
load transient is the time required for the inductor current to
slew to it’s new level. Given a sufficiently fast control loop
design, the IPM6220 will provide either 0% or 94% duty
cycle in response to a load transient. The response time is
the time interval required to slew the inductor current from an
initial current value to the load current level. During this
interval the difference between the inductor current and the
transient current level must be supplied by the output
capacitor(s). Minimizing the response time can minimize the
output capacitance required. Also, if the load transient rise
time is slower than the inductor response time, as in a hard
drive or CD drive, this reduces the requirement on the output
capacitor.
The maximum capacitor value required to provide the full,
rising step, transient load current during the response time of
the inductor is:
Where: COUT is the output capacitor(s) required, LO is the
output inductor, ITRAN is the transient load current step, VIN
is the input voltage, VOUT is output voltage, and ∆VOUT is
the drop in output voltage allowed during the load transient.
High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor values are generally
Vo
Vin
Dmax
×
Ro
2LxF
()
-------------------


=
tC
OUT
5V
180mA
-------------------
×
=
C
OUT
L
O
I
TRAN
×
V
IN
V
OUT
() 2
×
----------------------------------------------
I
TRAN
DV
OUT
--------------------
×
=
IPM6220


Similar Part No. - IPM6220CA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IPM6220CA RENESAS-IPM6220CA Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
More results

Similar Description - IPM6220CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Intersil Corporation
ISL6235 INTERSIL-ISL6235 Datasheet
441Kb / 14P
   Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
June 2001
ISL6226 INTERSIL-ISL6226 Datasheet
384Kb / 17P
   Advanced PWM and Linear Power Controller for Portable Applications
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com