Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V11165L15TFI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V11165L15TFI
Description  3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V11165L15TFI Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT72V11165L15TFI Datasheet HTML 1Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 2Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 3Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 4Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 5Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 6Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 7Page - Integrated Device Technology IDT72V11165L15TFI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
CORPORATE HEADQUARTERS
for SALES:
for TECH SUPPORT:
2975 Stender Way
800-345-7015 or 408-727-6116
(408) 330-1753
Santa Clara, CA 95054
fax: 408-492-8674
FIFOhelp@idt.com
www.idt.com
IDT
XXXXX
Device Type
X
Power
XX
Speed
X
Package
X
Clock Cycle Time (tCLK)
Speed in Nanoseconds
Process /
Temperature
Range
6359 drw32
Industrial (-40
°C to +85°C)
I
TF
Slim Thin Plastic Quad Flatpack (STQFP, PP64-1)
15
L
Low Power
72V11165
72V12165
72V13165
72V14165
72V15165
256 x 16
 3.3V Multimedia FIFO
512 x 16
 3.3V Multimedia FIFO
1,024 x 16
 3.3V Multimedia FIFO
2,048 x 16
 3.3V Multimedia FIFO
4,096 x 16
 3.3V Multimedia FIFO
Industrial
ORDERING INFORMATION
DATASHEET DOCUMENT HISTORY
11/17/2003
pg. 1.


Similar Part No. - IDT72V11165L15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V11071 IDT-IDT72V11071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V11071L15 IDT-IDT72V11071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V11081 IDT-IDT72V11081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V11081L15PFI IDT-IDT72V11081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
More results

Similar Description - IDT72V11165L15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
logo
ATMEL Corporation
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com