Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32X384 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTQS32X384
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32X384 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTQS32X384 Datasheet HTML 1Page - Integrated Device Technology IDTQS32X384 Datasheet HTML 2Page - Integrated Device Technology IDTQS32X384 Datasheet HTML 3Page - Integrated Device Technology IDTQS32X384 Datasheet HTML 4Page - Integrated Device Technology IDTQS32X384 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDTQS32X384
HIGH-SPEED CMOS 20-BIT BUS SWITCH
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
RON
(ohms)
VIN
(Volts)
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5V ± 5%
NOTES:
1. Typical values are at VCC = 5V and TA = 25°C.
2. Pass voltage is guaranteed but not production tested.
16
14
12
10
8
6
4
2
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage
GuaranteedLogicHIGHforControlInputs
2
V
VIL
InputLOWVoltage
GuaranteedLogicLOWforControlInputs
0.8
V
IIN
InputLeakageCurrent(ControlInputs)
0V
≤ VIN ≤ VCC
±0.01
±1
µA
IOZ
Off-StateCurrent(Hi-Z)
0V
≤ VOUT ≤ VCC, Switches OFF
±0.01
±1
µA
RON
Switch ON Resistance
VCC = Min, VIN = 0V, ION = 30mA
5
7
VCC = Min, VIN = 2.4V, ION = 15mA
10
15
VP
PassVoltage(2)
VCC = 5V, IOUT = -5µA
3.7
4
4.2
V


Similar Part No. - IDTQS32X384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384 Datasheet
220Kb / 5P
   HIGH-SPEED CMOS 20-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X384 RENESAS-IDTQS32X384 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
   HIGH-SPEED CMOS 20-BIT BUS SWITCH
More results

Similar Description - IDTQS32X384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X2384 IDT-IDTQS32X2384 Datasheet
222Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDTQS32XL384 IDT-IDTQS32XL384 Datasheet
63Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32XL384 RENESAS-IDTQS32XL384 Datasheet
328Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
IDTQS32X384 RENESAS-IDTQS32X384 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
logo
Integrated Device Techn...
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com