Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62C256 Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC62C256
Description  32K X 8 LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C256 Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62C256 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62C256 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1+$ + #$
2
Integrated Circuit Solution Inc.
ALSR010-0A 05/23/2001
PIN CON.IGURATION
28-Pin SOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
0.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
PIN CON.IGURATION
8x13.4mm TSOP-1
PIN DESCRIPTIONS
A0-A14
Address Inputs
CS
Chip Select Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CS
CS
CS
CS
CS
OE
OE
OE
OE
OE I/O Operation Vcc Current
Not Selected
X
H
X
High-Z
ISB, ISB
(Power-down)
Output Disabled
H
L
H
High-Z
ICC, ICC
Read
H
L
L
DOUT
ICC, ICC
Write
L
L
X
DIN
ICC, ICC


Similar Part No. - IC62C256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com